データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN1582MX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN1582MX
部品情報  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582MX データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN1582MX Datasheet HTML 1Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 2Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 3Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 4Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 5Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 6Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 7Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 8Page - Fairchild Semiconductor FAN1582MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
Pentium is a registered trademark of Intel Corporation. PowerPC is a trademark of IBM Corporation.
REV. 1.1.3 11/9/03
Features
• Ultra Low dropout voltage, 0.4V typical at 3A
• Remote sense operation
• Fast transient response
• Load regulation: 0.05% typical
• 0.5% initial accuracy
• On-chip thermal limiting
• 5-Pin TO-252 DPAK, and TO-263 packages
Applications
• Support of GTL+ bus supply
• Low voltage logic supply
• Embedded Processor supplies
• Split plane regulator
• 2.5V, and 1.8V Logic Families
• DDR Termination Supply
Description
The FAN1582, FAN1582-1.5, and FAN1582-2.5 are ultra-low
dropout regulators with 3A output current capability. These
devices have been optimized for low voltage applications
including VTT bus termination, where transient response and
minimum input voltage are critical. The FAN1582 is ideal
for low voltage microprocessor applications requiring a reg-
ulated output from 1.3V to 5.7V with a power input supply
of 1.75V to 6.5V. The FAN1582-1.5 offers fixed 1.5V with
3A current capabilities for GTL+ bus VTT termination. The
FAN1582-2.5 offers fixed 2.5V with 3A current capability
for logic IC operation and processors while minimizing the
overall power dissipation.
Current limit ensures controlled short-circuit current. On-chip
thermal limiting provides protection against any combination
of overload and ambient temperature that would create exces-
sive junction temperatures.
The FAN1582 series regulators are available in the 5-Pin
TO-252 DPAK, and TO-263 power packages.
Typical Applications
22
µF
VCNTL = 5V
2.1V at 3A
10
µF
VIN = 3.3V
+
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1582
22
µF
VCNTL = 5V
2.5V at 3A
10
µF
VIN = 3.3V
+
1
µF
+
+
VIN
VSENSE
VCNTL
GND
VOUT
FAN1582–2.5
86.6
124
22
µF
VCNTL = 12V
5V at 3A
10
µF
VIN = 5.75V
+
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1582
374
124
FAN1582
3A Adjustable/Fixed Ultra Low Dropout
Linear Regulator


同様の部品番号 - FAN1582MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN1582MX FAIRCHILD-FAN1582MX Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

同様の説明 - FAN1582MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com