データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59481IRZ-T13 データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL59481IRZ-T13
部品情報  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481IRZ-T13 データシート(HTML) 5 Page - Intersil Corporation

  ISL59481IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59481IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6208.3
December 22, 2006
FIGURE 5. TRANSIENT RESPONSE
FIGURE 6. CROSSTALK AND OFF ISOLATION
FIGURE 7. PSRR CHANNELS A, B, C
FIGURE 8. CHANNEL TO CHANNEL SWITCHING GLITCH
VIN =0V
FIGURE 9. CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V
FIGURE 10. ENABLE SWITCHING GLITCH VIN = 0V
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
TIME (5ns/DIV)
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
CL=1.5pF
RL=500Ω
-0.8
0.8
FREQUENCY (Hz)
-10
-30
-50
0.1M
1M
10M
100M
1G
-70
-90
²
OFF ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
INPUT X TO OUTPUT Y
CROSSTALK
FREQUENCY (Hz)
0
-10
-30
0.3M
1M
10M
100M
1G
-50
-70
PSRR (V+)
10
-20
-40
-60
20
-80
PSRR (V-)
VOUT A, B, C
20ns/DIV
0
0
VIN = 0V
S0, S1
50
Ω
TERM.
20ns/DIV
0
0
VIN = 1V
VOUT A, B, C
S0, S1
50
Ω
TERM.
20ns/DIV
0
0
VIN = 0V
VOUT A, B, C
ENABLE
50
Ω
TERM.
ISL59481


同様の部品番号 - ISL59481IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59481IRZ-T13 INTERSIL-ISL59481IRZ-T13 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481IRZ-T13 RENESAS-ISL59481IRZ-T13 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

同様の説明 - ISL59481IRZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com