データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59482IRZ-T13 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL59482IRZ-T13
部品情報  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59482IRZ-T13 データシート(HTML) 1 Page - Intersil Corporation

  ISL59482IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59482IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6209.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59482
Dual, 500MHz Triple, Multiplexing
Amplifiers
The ISL59482 contains two independent fixed gain of 2 triple
4:1 MUX amplifiers that feature high slew rate and excellent
bandwidth for RGB video switching. Each RGB 4:1 MUX
contains binary coded, channel select logic inputs (S0, S1),
and separate logic inputs for High Impedance Output (HIZ)
and power-down (EN) modes. The HIZ state presents a high
impedance at the output so that both RGB MUX outputs can
be wired together to form an 8:1 RGB MUX amplifier or, they
can be used in R-R, G-G, and B-B pairs to form a 4:1
differential input/output MUX. Separate power-down mode
controls (EN1, EN2,) are included to turn off unneeded
circuitry in power sensitive applications. With both EN pins
pulled high, the ISL59482 enters a standby power mode-
consuming just 34mW.
Features
• Dual, Triple 4:1 Multiplexers for RGB
• 520MHz Bandwidth into 500
Ω Load
• ±1600 V/µs Slew Rate
• Externally Configurable for Various Video MUX Circuits
Including:
- 8:1 RGB MUX
- Two Separate 4:1 RGB MUX
- 4:1 Differential RGB Video MUX
• Internally Fixed Gain-of-2
• High Impedance Outputs (HIZ)
• Power-Down Mode (EN)
• ±5V Operation
• Supply Current 16mA/Ch maximum
• Pb-free Plus Anneal Available (RoHS Compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors, Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
TABLE 1. CHANNEL SELECT LOGIC TABLE ISL59482
S1-1, 2
S0-1, 2
EN1, 2
HIZ1, 2
OUTPUT1, 2
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
X
X
1
X
Power-down
XX
0
1
High Z
PART NUMBER
(Note)
PART MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL59482IRZ
ISL59482 IRZ
-
48 Ld Exposed Pad 7x7 QFN
L48.7x7B
ISL59482IRZ-T13
ISL59482 IRZ
13”
48 Ld Exposed Pad 7x7 QFN
L48.7x7B
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 22, 2006


同様の部品番号 - ISL59482IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
ISL59482IRZ RENESAS-ISL59482IRZ Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

同様の説明 - ISL59482IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com