データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54401IRZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL54401IRZ
部品情報  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54401IRZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL54401IRZ Datasheet HTML 2Page - Intersil Corporation ISL54401IRZ Datasheet HTML 3Page - Intersil Corporation ISL54401IRZ Datasheet HTML 4Page - Intersil Corporation ISL54401IRZ Datasheet HTML 5Page - Intersil Corporation ISL54401IRZ Datasheet HTML 6Page - Intersil Corporation ISL54401IRZ Datasheet HTML 7Page - Intersil Corporation ISL54401IRZ Datasheet HTML 8Page - Intersil Corporation ISL54401IRZ Datasheet HTML 9Page - Intersil Corporation ISL54401IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6240.3
July 12, 2006
RON Flatness, RFLAT(ON),
(ISL54400 and ISL54401 Only)
VDD = 3.6V, VBUS = 4.4V, ICOM = 40mA, VD+ or VD- = 0V
to VBUS, (Note 7)
25
-
0.8
1.9
Full
-
-
2.5
ON Resistance, RON
(ISL54402 Only)
VDD = 3.0V, VINx = 1.4V, ICOM = 40mA, VNOx = 0V to
3.0V, (See Figure 3)
25
-
7.5
9
Full
-
-
9.5
RON Matching Between Channels,
∆RON (ISL54402 Only)
VDD = 3.0V, VINx = 1.4V, ICOM = 40mA, VNOx = Voltage
at max RON, (Note 9)
25
-
0.2
0.4
Full
-
-
0.45
RON Flatness, RFLAT(ON)
(ISL54402 Only)
VDD = 3.0V, VIN = 1.4V, ICOM = 40mA, VNOx = 0V to
3.0V, (Note 7)
25
-
0.8
1.9
Full
-
-
2.5
OFF Leakage Current, ID+(OFF) or
ID-(OFF), INOx(OFF)
VDD = 3.6V, VBUS = 0V or VIN = 0.5V, VD-/L or VD+/R or
VCOM = 0.5V, 0V, VD+ or VD- or VNOx = 0V, 0.5V, VL and
VR = floating
25
-5
1.5
5
µA
Full
-15
-
15
µA
ON Leakage Current, ION
VDD = 3.6V, VBUS = 5.25V or VIN = 1.4V, VD-/L or VD+/R
or VCOM = 0.3V, 3.6V, VD+ or VD- or VNOx = 0.3V, 3.6V,
VL and VR = floating
25
-30
5
30
µA
Full
-35
-
35
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
(ISL54402 Only)
VDD = 2.7V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
(See Figure 1)
25
-
40
-
ns
Full
-
60
-
ns
Turn-OFF Time, tOFF
(ISL54402 Only)
VDD = 2.7V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
(See Figure 1)
25
-
20
-
ns
Full
-
40
-
ns
Break-Before-Make Time Delay, tD
(ISL54402 Only)
VDD = 3.3V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
(See Figure 2)
Full
-
8
-
ns
Skew, tSKEW
VDD = 3.0V, VBUS = 3.8V, RL = 39Ω, CL = 50pF, tR =
tF = 12ns at 12Mbps, (Duty Cycle = 50%) (See Figure 7)
25
-
0.15
-
ns
Rise/Fall Time Mismatch, tM
VDD = 3.0V, VBUS = 3.8V, RL = 39Ω, CL = 50pF, tR =
tF = 12ns at 12Mbps, (Duty Cycle = 50%), (See Figure 6)
25
-
10
-
%
Total Jitter, tJ
VDD = 3.0V, VBUS = 3.8V, RL = 39Ω, CL = 50pF,
tR =tF = 12ns at 12Mbps
25
-
1.6
-
ns
Propagation Delay, tPD
VDD = 3.0V, VBUS = 3.8V, RL = 39Ω, CL = 50pF,
(See Figure 7)
25
-
0.9
-
ns
Crosstalk (Channel-to-Channel),
R to D-/L, L to D+/R, NC2 to COM1,
NC1 to COM2
RL = 32Ω, f = 20Hz to 20kHz, VR or VL = 1.75VP-P,
(See Figure 4)
25
-
-110
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, VBUS = 3.2V or
VIN =0.5V, VL or VR or VNCx = 0.60VRMS, RL = 32Ω
25
-
0.007
-
%
Audio (NC) Switch -3dB Bandwidth Signal = 8dBm, RL = 50Ω, CL = 5pF
25
-
394
-
MHz
USB (NO) Switch -3dB Bandwidth
Signal = 18dBm, 1VDC offset, RL = 50Ω, CL = 5pF
25
-
239
-
MHz
D+/D- OFF Capacitance, CD+OFF,
CD-OFF, CNOxOFF
f = 1MHz, VDD = 3.0V, VBUS = 3.2V or VIN = 0.5V, VNO
or VNC = VCOM = 0V, (See Figure 5)
25
-
10
-
pF
L/R OFF Capacitance, CLOFF,
CROFF, CNCxOFF
f = 1MHz, VDD = 3.0V, VBUS = 3.8V or VIN = 1.4V, VNO
or VNC = VCOM = 0V, (See Figure 5)
25
-
13
-
pF
COM ON Capacitance, CD-/L(ON),
CD+/R(ON), CCOMx(ON)
f = 1MHz, VDD = 3.0V, VBUS = 3.8V or VIN = 1.4V, VNO
or VNC = VCOM = 0V, (See Figure 5)
25
-
46
-
pF
Electrical Specifications - 2.7V to 5.5V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL54400, ISL54401, ISL54402


同様の部品番号 - ISL54401IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54401IRZ RENESAS-ISL54401IRZ Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54401IRZ-T RENESAS-ISL54401IRZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

同様の説明 - ISL54401IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com