データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5069MTCX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN5069MTCX
部品情報  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN5069MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the condi-
tions for actual device operation. (1)
Notes:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only; functional operation of the device at these or any conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are referenced to AGND.
2.
Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Thermal Information
Notes:
3.
Junction-to-ambient thermal resistance,
θ
JA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of vias used, diameter of vias used, available copper surface, and attached heat
sink characteristics.
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
VCC to PGND
6.0
V
BOOT to PGND
33.0
V
SW to PGND
Continuous
-0.5
33.0
V
Transient (t < 50nS, F < 500kHz)
-3.0
33.0
V
HDRV (VBOOT- – VSW)
6.0
V
LDRV
-0.5
6.0
V
All Other Pins
-0.3
VCC + 0.3
V
Maximum Shunt Current for VCC
150
mA
Electrostatic Discharge Protection (ESD)
Level(2)
HBM
3.5
kV
CDM
1.8
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage Temperature
-65
150
°C
TL
Lead Soldering Temperature, 10 Seconds
300
°C
Vapor Phase, 60 Seconds
215
°C
Infrared, 15 Seconds
220
°C
PD
Power Dissipation, TA = 25°C
715
mW
θ
JC
Thermal Resistance, Junction-to-Case
37
°C/W
θ
JA
Thermal Resistance, Junction-to-Ambient(3)
100
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
VCC to GND
4.5
5.0
5.5
V
TA
Ambient Temperature
Commercial
-10
85
°C
Industrial
-40
85
°C
TJ
Junction Temperature
125
°C


同様の部品番号 - FAN5069MTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

同様の説明 - FAN5069MTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com