データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM258N データシート(PDF) 6 Page - NXP Semiconductors

部品番号 LM258N
部品情報  Low power dual operational amplifi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM258N データシート(HTML) 6 Page - NXP Semiconductors

Back Button LM258N Datasheet HTML 2Page - NXP Semiconductors LM258N Datasheet HTML 3Page - NXP Semiconductors LM258N Datasheet HTML 4Page - NXP Semiconductors LM258N Datasheet HTML 5Page - NXP Semiconductors LM258N Datasheet HTML 6Page - NXP Semiconductors LM258N Datasheet HTML 7Page - NXP Semiconductors LM258N Datasheet HTML 8Page - NXP Semiconductors LM258N Datasheet HTML 9Page - NXP Semiconductors LM258N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2002 Jul 12
6
TYPICAL PERFORMANCE CHARACTERISTICS
+
VDC
100 k
VO
1K
+7
VDC
VIN
2 k
Tamb = 0 °C to +125 °C
Tamb = 55 °C
4
3
2
1
0
0
10
20
30
40
SUPPLY VOLTAGE (VDC)
90
80
70
60
50
40
30
20
10
0
55 35 –15
5
25
45 65
85 105 125
TEMPERATURE (
°C)
160
120
80
40
0
0
10
203040
SUPPLY VOLTAGE (VDC)
RL + 20 kΩ
RL + 2 kΩ
+
V+
10M
VO
0.1
µf
V+/2
VIN
V+ = 30 VDC AND
–55
°C ≤ Tamb ≤ +125 °C
V+ = 10 to 15 VDC AND
–55
°C < Tamb < +125 °C
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k 1M 10M
FREQUENCY (Hz)
20
15
10
5
0
1k
10k
100k
1M
FREQUENCY (Hz)
RL < 2 kΩ V+ 15 VDC
4
3
2
1
0
3
2
1
0
010
20
30
40
TIME (
µs)
EO
50 pF
INPUT
OUTPUT
θIN
500
450
400
350
300
250
01
23
4
5
6
7
8
t — TIME (
µs)
Tamb = +25 °C
V+ = +30 VDC
+V+ /2
V+
V2
IO
INDEPENDENT OF V+
TAamb= +25 °C
8
7
6
5
4
3
2
1
0.001
0.01
0.1
1
10
100
IO+ – OUTPUT SOURCE CURRENT (mADC)
V+ /2
V+
IO
Tamb = +25 °C
V+ = +5 VDC
V+ = +15 VDC
V+ = +30 VDC
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
IO – OUTPUT SINK CURRENT (mADC)
VO
+
+
Supply Current
Current Limiting
Voltage Gain
Open-Loop
Frequency Response
Large-Signal
Frequency Response
Voltage-Follower
Response
Voltage-Follower
Pulse Response (Small-Signal)
Output Characteristics
Current Sourcing
Output Characteristics
Current Sinking
SL00284
Figure 3. Typical performance characteristics.


同様の部品番号 - LM258N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM258N MOTOROLA-LM258N Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258N ONSEMI-LM258N Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
STMicroelectronics
LM258N STMICROELECTRONICS-LM258N Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Fairchild Semiconductor
LM258N FAIRCHILD-LM258N Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
STMicroelectronics
LM258N STMICROELECTRONICS-LM258N Datasheet
271Kb / 16P
   Low Power Dual Operational Amplifiers
More results

同様の説明 - LM258N

メーカー部品番号データシート部品情報
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com