データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6520A データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN6520A
部品情報  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520A データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN6520A Datasheet HTML 1Page - Fairchild Semiconductor FAN6520A Datasheet HTML 2Page - Fairchild Semiconductor FAN6520A Datasheet HTML 3Page - Fairchild Semiconductor FAN6520A Datasheet HTML 4Page - Fairchild Semiconductor FAN6520A Datasheet HTML 5Page - Fairchild Semiconductor FAN6520A Datasheet HTML 6Page - Fairchild Semiconductor FAN6520A Datasheet HTML 7Page - Fairchild Semiconductor FAN6520A Datasheet HTML 8Page - Fairchild Semiconductor FAN6520A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6520A Rev. 1.0.5
5
Electrical Specifications
VCC = 5V and TA = 25°C, using the circuit shown in Figure 1 unless otherwise noted. The • denotes specifications that
apply over the full operating temperature range.
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality
control.
2. AC specifications guaranteed by design/characterization (not production tested).
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Current
IVCC
VCC Current
HDRV, LDRV open
1.5
2.4
3.8
mA
Power-On Reset
POR
Rising VCC POR Threshold
4.00
4.22
4.45
V
VCC POR Threshold Hysteresis
170
mV
Oscillator
FOSC
Frequency
FAN6520A
250
300
340
kHz
FAN6520AI
230
300
340
kHz
ΔV
OSC
Ramp Amplitude
1.5
Vp-p
Reference
VREF
Reference Voltage
TA = 0 to 70°C
788
800
812
mV
FAN6520AI
780
800
820
mV
Error Amplifier
DC Gain
88
dB
GBWP
Gain – Bandwidth Product
15
MHz
S/R
Slew Rate
8
V/µs
Gate Drivers
RHUP
HDRV Pulll-Up Resistance
2.5
Ω
RHDN
HDRV Pull-Down Resistance
2.0
Ω
RLUP
LDRV Pull-Up Resistance
2.5
Ω
RLDN
LDRV Pull-Down Resistance
1.0
Ω
Protection/Disable
IOCSET
OCSET Current Source
FAN6520A
17
20
22
μA
FAN6520AI
142024
μA
VDISABLE Disable Threshold
800
mV


同様の部品番号 - FAN6520A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

同様の説明 - FAN6520A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com