データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5611S7X データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN5611S7X
部品情報  Low-Dropout LED Drivers for White, Blue, or any Color LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5611S7X データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN5611S7X Datasheet HTML 1Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 2Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 3Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5611/FAN5612/FAN5613/FAN5614 Rev. 1.0.9
5
DC Electrical Characteristics
VIN = 3.3V to 5.5V, ENABLE = VIN, TA = 25°C unless otherwise noted.
Table 5. DC Electrical Characteristics
Notes:
3. ENABLE “ON” is VEN where II1>20mA @ VI1=0.3V, while ENABLE “OFF” is VEN where II1<1μA @ VI1>0.3V.
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Gain
FAN5611/12/13
ISET = 100µA
VSAT = 300mV
140
200
260
FAN5614
ISET = 100µA
VSAT = 150mV
LED Current (Per Diode)
FAN5611/12/13
VSAT = 300mV
ISET = 100µA
20
mA
FAN5614
VSAT = 150mV
ISET = 100µA
LED to LED Current Matching
FAN5611/12/13
VSAT = 300mV
ISET = 100µA
TA = -40°C to 85°C
-3
3
%
FAN5614
VSAT = 150mV
ISET = 100µA
TA = -40°C to 85°C
Peak Efficiency
VIN = 3V
90
%
Current in OFF Mode (ISET and II)VEN = 0V
1
µA
Minimum ENABLE “ON Voltage”(2)
(FAN5612, FAN5613, FAN5614)
ISET = 150µA
2.8
V
Maximum ENABLE “OFF Voltage”(2)
(FAN5612, FAN5613 FAN5614)
0.5
V


同様の部品番号 - FAN5611S7X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5611S7X FAIRCHILD-FAN5611S7X Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
More results

同様の説明 - FAN5611S7X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com