データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5614S7X データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN5614S7X
部品情報  Low-Dropout LED Drivers for White, Blue, or any Color LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5614S7X データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN5614S7X Datasheet HTML 1Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 2Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 3Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
tm
November 2006
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5611/FAN5612/FAN5613/FAN5614 Rev. 1.0.9
FAN5611/FAN5612/FAN5613/FAN5614
Low-Dropout LED Drivers for White, Blue,
or any Color LED
Features
LED drivers for parallel-connected LEDs (2 to 4)
Ultra-low voltage drop (< 300mV) to support direct
Li-ion applications
No EMI, no switching noise
No external components needed for current matching
Both analog and PWM brightness control
FAN5611, FAN5613 feature up to 160mA bias current
(up to 40mA for each LED)
FAN5612 features up to 120mA bias current
(up to 40mA for each LED)
FAN5614 features up to 160mA bias current
(up to 80mA for each LED)
Enable/Shutdown control (FAN5612, FAN5613,
FAN5614)
Shutdown current < 1μA
Small footprint SC-70 and MLP
Applications
Cell Phones
PDA, DSC, MP3 Players
Handheld Computers
LCD Display Modules
Keyboard Backlight
LED Displays
Description
The FAN5611/12/13/14 low-dropout product family is
designed to drive two to four parallel LEDs, providing
matched current source bias for all color LEDs. The LED
current is set by an external resistor, RSET. The
FAN5611/13 supports four parallel LEDs with up to
160mA bias current (up to 40mA per output). The
FAN5612 supports three LEDs with up to 120mA bias
current (40mA per output). The FAN5614 drives two
high-current LEDs (80mA per output). Pin I1 should
always be connected to an LED to provide a matched
current for any additional LEDs.
The FAN5612/13 and 14 are selected using an ENABLE
pin. When the chip is not selected (ENABLE
pin is
LOW), the supply current drops to less than 1µA.
The FAN5611, FAN5612, and FAN5614 are available in
an SC-70 package. The
FAN5611 and FAN5613 are
available in MLP packages.
Ordering Information
Table 1. Ordering Information
Product Number
Package Type
Order Code
FAN5611
6-Lead SC-70 / 2x2mm 6-Lead MLP
FAN5611S7X / FAN5611MPX
FAN5612
6-Lead SC-70
FAN5612S7X
FAN5613
2x2mm 8-Lead MLP
FAN5613MPX
FAN5614
6-Lead SC-70
FAN5614S7X


同様の部品番号 - FAN5614S7X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5614S7X FAIRCHILD-FAN5614S7X Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
More results

同様の説明 - FAN5614S7X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com