データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22449UFV14Z データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL22449UFV14Z
部品情報  Quad Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449UFV14Z データシート(HTML) 5 Page - Intersil Corporation

  ISL22449UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6333.2
September 15, 2006
NOTES:
5. Typical values are for TA = +25°C and 3.3V supply voltage.
6. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
7. ZS error = V(RW)0/LSB.
8. FS error = [V(RW)127 – VCC]/LSB.
9. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
10. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 127
11. VMATCH = [V(RWx)i – V(RWy)i]/LSB, for i = 1 to 127, x = 0 to 3 and y = 0 to 3.
12.
for i = 16 to 112 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
13. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
14. Rpu is specified for the highest data rate transfer for the device. Higher value pullup can be used at lower data rates.
15. This parameter is not 100% tested.
Hysteresis
SHDN, SCK, SDI, and CS input buffer
hysteresis
0.05*
VCC
V
VOL
SDO output buffer LOW voltage
IOL = 4mA
0
0.4
V
Rpu
(Note 14)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cbus = 30pF, fSCK =
5MHz
2k
Cpin
(Note 15)
SHDN, SCK, SDI, SDO and CS pin
capacitance
10
pF
fSCK
SPI frequency
5MHz
tCYC
SPI clock cycle time
200
ns
tWH
SPI clock high time
100
ns
tWL
SPI clock low time
100
ns
tLEAD
Lead time
250
ns
tLAG
Lag time
250
ns
tSU
SDI, SCK and CS input setup time
50
ns
tH
SDI, SCK and CS input hold time
50
ns
tRI
SDI, SCK and CS input rise time
10
ns
tFI
SDI, SCK and CS input fall time
10
20
ns
tDIS
SDO output Disable time
0
100
ns
tV
SDO output valid time
350
ns
tHO
SDO output hold time
0
ns
tRO
SDO output rise time
Rpu = 2k, Cbus = 30pF
60
ns
tFO
SDO output fall time
Rpu = 2k, Cbus = 30pF
60
ns
tCS
CS deselect time
2µs
tWRT
Wiper Response Time after SPI write
to WR register
1.5
µs
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
×
=
ISL22449


同様の部品番号 - ISL22449UFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22449UFV14Z INTERSIL-ISL22449UFV14Z Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
ISL22449UFV14Z RENESAS-ISL22449UFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

同様の説明 - ISL22449UFV14Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com