データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28288FUZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28288FUZ
部品情報  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288FUZ データシート(HTML) 5 Page - Intersil Corporation

  ISL28288FUZ Datasheet HTML 1Page - Intersil Corporation ISL28288FUZ Datasheet HTML 2Page - Intersil Corporation ISL28288FUZ Datasheet HTML 3Page - Intersil Corporation ISL28288FUZ Datasheet HTML 4Page - Intersil Corporation ISL28288FUZ Datasheet HTML 5Page - Intersil Corporation ISL28288FUZ Datasheet HTML 6Page - Intersil Corporation ISL28288FUZ Datasheet HTML 7Page - Intersil Corporation ISL28288FUZ Datasheet HTML 8Page - Intersil Corporation ISL28288FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6339.0
September 20, 2006
FIGURE 11. CURRENT NOISE vs FREQUENCY
FIGURE 12. VOLTAGE NOISE vs FREQUENCY
FIGURE 13. 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
FIGURE 14. INPUT VOLTAGE SWING ABOVE THE V+ SUPPLY
FIGURE 15. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 16. ENABLE TO OUTPUT DELAY TIME
Typical Performance Curves (Continued)
0.01
0.10
1.00
10.00
1
10
100
1k
10k
FREQUENCY (Hz)
100k
1k
100
10
1
1
10
100
10k
100k
1k
FREQUENCY (Hz)
TIME (1s/DIV)
5.4µVP-P
0
1
2
3
4
5
6
0
50
100
150
200
VOUT
VIN
V+ = 5V
TIME (ms)
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
100K
100K
1K
Function
Generator
33140A
-
+
DUT
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
23.5
45.5
SUPPLY VOLTAGE (V)
2.5
5
4.5
3
35
75
135
155
95
115
55
10µs/DIV
0
0
VOUT
EN
Input
AV = -1
VIN = 200mVp-p
V+ = 5V
V- = 0V
ISL28288


同様の部品番号 - ISL28288FUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28288FUZ RENESAS-ISL28288FUZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288FUZ-T7 INTERSIL-ISL28288FUZ-T7 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

同様の説明 - ISL28288FUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com