データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54207IRUZ-T データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL54207IRUZ-T
部品情報  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54207IRUZ-T データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL54207IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6403.0
December 5, 2006
FIGURE 12. THD+N vs OUTPUT VOLTAGE
FIGURE 13. THD+N vs OUTPUT POWER
FIGURE 14. EYE PATTERN: 480Mbps WITH NOx SWITCHES IN THE SIGNAL PATH
Typical Performance Curves TA = +25°C, Unless Otherwise Specified (Continued)
OUTPUT VOLTAGE (VP-P)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.1
0.2
0.3
0.4
0.5
RLOAD = 32Ω
FREQ = 1kHz
VDD =3V
OUTPUT POWER (mW)
0
1020304050
0
0.1
0.2
0.3
0.4
0.5
RLOAD = 32Ω
FREQ = 1kHz
VDD =3V
TIME (10ns/DIV)
ISL54207


同様の部品番号 - ISL54207IRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54207IRUZ-T RENESAS-ISL54207IRUZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

同様の説明 - ISL54207IRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com