データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54208IRZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL54208IRZ
部品情報  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54208IRZ データシート(HTML) 3 Page - Intersil Corporation

  ISL54208IRZ Datasheet HTML 1Page - Intersil Corporation ISL54208IRZ Datasheet HTML 2Page - Intersil Corporation ISL54208IRZ Datasheet HTML 3Page - Intersil Corporation ISL54208IRZ Datasheet HTML 4Page - Intersil Corporation ISL54208IRZ Datasheet HTML 5Page - Intersil Corporation ISL54208IRZ Datasheet HTML 6Page - Intersil Corporation ISL54208IRZ Datasheet HTML 7Page - Intersil Corporation ISL54208IRZ Datasheet HTML 8Page - Intersil Corporation ISL54208IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6410.0
December 18, 2006
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0V
Input Voltages
NCx, NOx(Note 2) . . . . . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
IN (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
CTRL (Note 2) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
COMx (Note 2) . . . . . . . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (NCx, COMx) . . . . . . . . . . . . . . . . . . . ±150mA
Peak Current (NCx, COMx)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (NOx) . . . . . . . . . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (NOx)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >7kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >400V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1.4kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
10 Ld
μTQFN Package . . . . . . . . . . . . . . . . . . . . . . .
130
10 Ld 3x3 TDFN Package . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . -65°C to +150°C
Operating Conditions
Temperature Range ISL54208IRUZ and
ISL54208IRZ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NOx, NCx, COMx, CTRL, IN exceeding VDD or GND by specified amount are clamped. Limit current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH = 1.4V,
VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Audio/Video Switches (NC1, NC2)
Analog Signal Range, VANALOG
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON Resistance, RON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 100mA,
VNCx = -0.85V to 0.85V,
(See Figure 3)
25
-
2.65
4
Ω
Full
-
-
5.5
Ω
RON Matching Between Channels,
ΔRON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 100mA,
VNCx = Voltage at max RON over signal range of -0.85V
to 0.85V, (Note 8)
25
-
0.02
0.13
Ω
Full
-
-
0.16
Ω
RON Flatness, RFLAT(ON)
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 100mA,
VNCx = -0.85V to 0.85V, (Note 7)
25
-
0.03
0.05
Ω
Full
-
-
0.07
Ω
Discharge Pull-Down Resistance,
RNC1, RNC2
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or VCOM+ =
-0.85V, 0.85V, VNCx = -0.85V, 0.85V,
VNOx = floating, Measure current through the discharge
pull-down resistor and calculate resistance value.
25
-
50
-
k
Ω
USB Switches (NO1, NO2)
Analog Signal Range, VANALOG
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V
Full
0
-
VDD
V
ON Resistance, RON
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA,
VNOx = 0V to 400mV
(See Figure 4)
25
-
4.6
5
Ω
Full
-
-
6.5
Ω
RON Matching Between Channels,
ΔRON
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 40mA, VNOx = Voltage at max RON,
(Note 8)
25
-
0.06
0.5
Ω
Full
-
-
0.55
Ω
RON Flatness, RFLAT(ON)
VDD = 3.6V, IN = 1.4V, CTRL = 1.4V,
ICOMx = 40mA, VNOx = 0V to 400mV, (Note 7)
25
-
0.4
0.6
Ω
Full
-
-
1.0
Ω
ISL54208


同様の部品番号 - ISL54208IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54208IRZ RENESAS-ISL54208IRZ Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208IRZ-T RENESAS-ISL54208IRZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

同様の説明 - ISL54208IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com