データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54208IRZ データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL54208IRZ
部品情報  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54208IRZ データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL54208IRZ Datasheet HTML 6Page - Intersil Corporation ISL54208IRZ Datasheet HTML 7Page - Intersil Corporation ISL54208IRZ Datasheet HTML 8Page - Intersil Corporation ISL54208IRZ Datasheet HTML 9Page - Intersil Corporation ISL54208IRZ Datasheet HTML 10Page - Intersil Corporation ISL54208IRZ Datasheet HTML 11Page - Intersil Corporation ISL54208IRZ Datasheet HTML 12Page - Intersil Corporation ISL54208IRZ Datasheet HTML 13Page - Intersil Corporation ISL54208IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6410.0
December 18, 2006
ISL54208 Operation
The discussion that follows will discuss using the ISL54208 in
the typical application shown in the block diagrams on
page 8.
VDD SUPPLY
The dc power supply connected at VDD (pin 1) provides the
required bias voltage for proper switch operation. The part
can operate with a supply voltage in the range of 1.8V to
5.5V.
In a typical USB/Audio/Video application for portable battery
powered devices the VDD voltage will come from a battery or
an LDO and be in the range of 2.7V to 3.6V. For best
possible USB full-speed operation (12Mbps) it is
recommended that the VDD voltage be
≥3.3V in order to get
a USB data signal level above 2.5V.
LOGIC CONTROL
The state of the ISL54208 device is determined by the
voltage at the IN pin (pin 2) and the CTRL pin (pin 10). Refer
to truth-table on page 2 of data sheet. These logic pins are
1.8V compatible with VDD in the range of 2.7V to 3.6V and
can be controlled by a standard
μprocessor.
The CTRL pin is internally pulled low through a 4MΩ
resistors to ground and can be left floating or tri-stated by the
μprocessor. The CTRL control pin is only active when IN is
logic “0”.
The IN pin does not have an internal pull-down resistor and
must not be allowed to float. It must be driven High or Low.
The voltage at the IN pin can exceed the VDD voltage by as
much as 2.55V. This allows the VBUS voltage from a
computer or USB hub (4.4V to 5.25V) to drive the IN pin
while the VDD voltage is in the range of 2.7V to 3.6V. An
external pull-down resistor is required from the IN pin to
ground when directly driving the IN pin with the computer
VBUS voltage. See the section titled “USING THE
COMPUTER VBUS VOLTAGE TO DRIVE THE “IN’ PIN”.
Logic control voltage levels:
IN = Logic “0” (Low) when 0.5V
IN = Logic “1” (High) when IN 1.4V
CTRL = Logic “0” (Low) when 0.5V or floating.
CTRL = Logic “1” (High) when 1.4V
Audio/Video Mode
If the IN pin = Logic “0” and CTRL pin = Logic “1,” the part
will be in the Audio/Video mode. In Audio/Video mode the
NC1 and NC2 3
Ω audio/video switches are ON and the NO1
and NO2 5
Ω USB switches are OFF (high impedance).
When nothing is plugged into the common connector or a
audio/video jack is plugged into the common connector, the
μprocessor will sense that there is no voltage at the VBUS
pin of the connector and will drive and hold the IN control pin
of the ISL54208 low. As long as the CTRL = Logic “1,” the
ISL54208 part will be in the audio/video mode and the media
player audio and video drivers can drive the speaker and
video display.
USB Mode
If the IN pin = Logic “1” and CTRL pin = Logic “0” or Logic “1”
the part will go into USB mode. In USB mode, the NO1 and
NO2 5
Ω switches are ON and the NC1 and NC2 3Ω
audio/video switches are OFF (high impedance).
When a USB cable from a computer or USB hub is
connected at the common connector, the μprocessor will
sense the present of the 5V VBUS and drive the IN pin
voltage high. The ISL54208 part will go into the USB mode.
In USB mode, the computer or USB hub transceiver and the
media player USB transceiver are connected and digital data
will be able to be transmitted back and forth.
When the USB cable is disconnected, the μprocessor will
sense that the 5V VBUS voltage is no longer connected and
will drive the IN pin low and put the part back into the
Audio/Video or Low Power Mode.
Low Power Mode
If the IN pin = Logic “0” and CTRL pin = Logic “0,” the part
will be in the Low Power mode. In the Low Power mode, the
NCx switches and the NOx switches are OFF (high
impedance). In this state, the device draws typically 1nA of
current.
USING THE COMPUTER VBUS VOLTAGE TO DRIVE THE
“IN” PIN
External IN Pull-Down Resistor
Rather than using a micro-processor to control the IN logic
pin you can directly drive the IN pin using the VBUS voltage
from the computer or USB hub. In order to do this you must
connected an external pull-down resistor from the IN pin to
ground.
When an audio/video jack or nothing is connected at the
common connector the external pull-down resistor will pull
the IN pin low putting the ISL54208 in the Audio/Video Mode
or Low Power Mode depending on the condition of the CTRL
pin.
When a USB cable is connected at the common connector
the voltage at the IN pin will be driven to 5V and the part will
automatically go into the USB mode.
When the USB cable is disconnected from the common
connector the voltage at the IN pin will be pulled low by the
pull-down resistor and return to the Audio/Video Mode or
Low Power Mode depending on the condition of the CTRL
pin.
Note: The voltage at the IN pin can exceed the VDD voltage
by as much as 2.55V. This allows the VBUS voltage from a
computer or USB hub (4.4V to 5.25V) to drive the IN pin
while the VDD voltage is in the range of 2.7V to 3.6V.
ISL54208


同様の部品番号 - ISL54208IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54208IRZ RENESAS-ISL54208IRZ Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208IRZ-T RENESAS-ISL54208IRZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

同様の説明 - ISL54208IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com