データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12020CBZ データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL12020CBZ
部品情報  Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020CBZ データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL12020CBZ Datasheet HTML 7Page - Intersil Corporation ISL12020CBZ Datasheet HTML 8Page - Intersil Corporation ISL12020CBZ Datasheet HTML 9Page - Intersil Corporation ISL12020CBZ Datasheet HTML 10Page - Intersil Corporation ISL12020CBZ Datasheet HTML 11Page - Intersil Corporation ISL12020CBZ Datasheet HTML 12Page - Intersil Corporation ISL12020CBZ Datasheet HTML 13Page - Intersil Corporation ISL12020CBZ Datasheet HTML 14Page - Intersil Corporation ISL12020CBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN6450.0
March 29, 2007
TABLE 1. REGISTER MEMORY MAP
ADDR. SECTION
REG
NAME
BIT
RANGE
DEFAULT
7
6543210
00h
RTC
SC
0
SC22
SC21
SC20
SC13
SC12
SC11
SC10
0 to 59
00h
01h
MN
0
MN22
MN21
MN20
MN13
MN12
MN11
MN10
0 to 59
00h
02h
HR
MIL
0
HR21
HR20
HR13
HR12
HR11
HR10
0 to 23
00h
03h
DT
0
0
DT21
DT20
DT13
DT12
DT11
DT10
1 to 31
01h
04h
MO
0
0
0
MO20
MO13
MO12
MO11
MO10
1 to 12
01h
05h
YR
YR23
YR22
YR21
YR20
YR13
YR12
YR11
YR10
0 to 99
00h
06h
DW
0000
0
DW2
DW1
DW0
0 to 6
00h
07h
CSR
SR
BUSY
OSCF
DSTADJ
ALM
LVDD
LBAT85
LBAT75
RTCF
N/A
01h
08h
INT
ARST
WRTC
IM
FOBATB
FO3
FO2
FO1
FO0
N/A
00h
09h
PWR_VDD
CLRTS
D
D
D
D
VDDTrip2
VDDTrip1
VDDTrip0
N/A
00h
0Ah
PWR_VBAT
BSW
D
VB85Tp2
VB85Tp1
VB85Tp0
VB75Tp2
VB75Tp1
VB75Tp0
N/A
00h
0Bh
ITRO
IDTR01
IDTR00
IATR05
IATR04
IATR03
IATR02
IATR01
IATR00
N/A
08h
0Ch
ALPHA
D
ALPHA6
ALPHA5
ALPHA4
ALPHA3
ALPHA2
ALPHA1
ALPHA0
N/A
25h
0Dh
BETA
TSE
BTSE
BTSR
D
BETA3
BETA2
BETA1
BETA0
N/A
08h
0Eh
FATR
0
0
FFATR5
FATR4
FATR3
FATR2
FATR1
FATR0
N/A
00h
0Fh
FDTR
0000
0
FDTR2
FDTR1
FDTR0
N/A
00h
10h
ALARM
SCA0
ESCA0
SCA022
SCA021
SCA020
SCA013
SCA012
SCA011
SCA010
00 to 59
00h
11h
MNA0
EMNA0
MNA022
MNA021
MNA020
MNA013
MNA012
MNA011
MNA010
00 to 59
00h
12h
HRA0
EHRA0
D
HRA021
HRA020
HRA013
HRA012
HRA011
HRA010
0 to 23
00h
13h
DTA0
EDTA0
D
DTA021
DTA020
DTA013
DTA012
DTA011
DTA010
01 to 31
01h
14h
MOA0
EMOA00
D
D
MOA020
MOA013
MOA012
MOA011
MOA010
01 to 12
01h
15h
DWA0
EDWA0
D
D
D
D
DWA02
DWA01
DWA00
0 to 6
00h
16h
TSV2B
VSC
0
VSC22
VSC21
VSC20
VSC13
VSC12
VSC11
VSC10
0 to 59
00h
17h
VMN
0
VMN22
VMN21
VMN20
VMN13
VMN12
VMN11
VMN10
0 to 59
00h
18h
VHR
VMIL
0
VHR21
VHR20
VHR13
VHR12
VHR11
VHR10
0 to 23
00h
19h
VDT
0
0
VDT21
VDT20
VDT13
VDT12
VDT11
VDT10
1 to 31
00h
1Ah
VMO
0
0
0
VMO20
VMO13
VMO12
VMO11
VMO10
1 to 12
00h
1Bh
TSB2V
BSC
0
BSC22
BSC21
BSC20
BSC13
BSC12
BSC11
BSC10
0 to 59
00h
1Ch
BMN
0
BMN22
BMN21
BMN20
BMN13
BMN12
BMN11
BMN10
0 to 59
00h
1Dh
BHR
BMIL
0
BHR21
BHR20
BHR13
BHR12
BHR11
BHR10
0 to 23
00h
1Eh
BDT
0
0
BDT21
BDT20
BDT13
BDT12
BDT11
BDT10
1 to 31
00h
1Fh
BMO
0
0
0
BMO20
BMO13
BMO12
BMO11
BMO10
1 to 12
00h
ISL12020


同様の部品番号 - ISL12020CBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

同様の説明 - ISL12020CBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com