データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12021 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL12021
部品情報  Real Time Clock with On Chip Temp Compensation 짹5ppm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12021 データシート(HTML) 1 Page - Intersil Corporation

  ISL12021 Datasheet HTML 1Page - Intersil Corporation ISL12021 Datasheet HTML 2Page - Intersil Corporation ISL12021 Datasheet HTML 3Page - Intersil Corporation ISL12021 Datasheet HTML 4Page - Intersil Corporation ISL12021 Datasheet HTML 5Page - Intersil Corporation ISL12021 Datasheet HTML 6Page - Intersil Corporation ISL12021 Datasheet HTML 7Page - Intersil Corporation ISL12021 Datasheet HTML 8Page - Intersil Corporation ISL12021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN6451.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL12021
Real Time Clock with On Chip Temp Compensation ±5ppm
Low Power RTC with VDD Battery Backed
SRAM and Embedded Temp
Compensation ±
5ppm with Auto Day Light
Saving
The ISL12021 device is a low power real time clock with an
embedded Temp sensor for oscillator compensation,
clock/calendar, power fail, low battery monitor, brown out
indicator, single periodic or polled alarms, intelligent battery
backup switching and 128 bytes of battery-backed user
SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Daylight Savings time adjustment is done automatically,
using parameters entered by the user. Power fail and battery
monitors offer user-selectable trip levels. A time stamp
function records the time and date of switchover from VDD to
battery power, and also from battery to VDD power.
Pinout
ISL12021
(14 LD TSSOP)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes and Seconds
- Day of the Week, Day, Month and Year
• On-chip Oscillator Compensation Over the Operating
Temp Range
- ±5ppm over -20°C to +70°C
• Day Light Saving Time
- Customer Programmable
• Separate FOUT pin
- 15 Selectable Frequency Outputs
• 1 Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
- Dedicated IRQ output pin
• Automatic Backup to Battery or Super Cap
- Operation to VBAT = 1.8V
- 1.0µA Battery Supply Current
• Battery Status Monitor, 2 Levels, Selectable by Customer
to:
- Seven Selectable Voltages for Each Level
• Power status Brown Out Monitor
- Six selectable trip level, from 4.675V to 2.295V
- Separate Low Voltage LVRST pin
• Time Stamp during Power to Battery and Battery to Power
Cross Over
- Time Stamp. First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
•I2C Interface
- 400kHz Clock Frequency
• 14 Ld TSSOP package
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Utility Meters
• POS Equipment
• Medical Application
• Security Related Application
• Vending Machine
• White Goods
VDD
IRQ
SCL
SDA
X1
X2
VBAT
2
3
4
5
13
12
11
GND
FOUT
LVRST
NC
NC
NC
NC
1
6
7
8
9
10
14
Data Sheet
March 30, 2007


同様の部品番号 - ISL12021

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12020 INTERSIL-ISL12020 Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020CBZ INTERSIL-ISL12020CBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020IBZ INTERSIL-ISL12020IBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
More results

同様の説明 - ISL12021

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com