データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NEVH33M250 データシート(PDF) 2 Page - NTE Electronics

部品番号 NEVH33M250
部品情報  ALUMINUM ELECTROLYTIC 160V to 450V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

NEVH33M250 データシート(HTML) 2 Page - NTE Electronics

  NEVH33M250 Datasheet HTML 1Page - NTE Electronics NEVH33M250 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEVH, NEHH SERIES
ALUMINUM ELECTROLYTIC 160V to 450V
6
NTE Electronics, Inc.
D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
NEVH Series (Radial Type) Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
160
250
350
450
1.0
6.3 x 11
6.3 x 11
8 x 11.5
10 x 12.5
2.2
6.3 x 11
8 x 11.5
10 x 12.5
10 x 16
3.3
8 x 11.5
10 x 12.5
10 x 16
10 x 20
4.7
8 x 11.5
10 x 12.5
10 x 16
13 x 20
10
10 x 12.5
10 x 20
13 x 21
13 x 25
22
10 x 20
13 x 25
13 x 25
16 x 31.5
33
13 x 21
13 x 25
16 x 31.5
18 x 35.5
47
13 x 25
16 x 25
18 x 36
22 x 35
100
16 x 25
18 x 36
22 x 35
25 x 40
220
18 x 35
330
22 x 35
470
22 x 40
*
These dimensions are for reference only, please consult the factory for actual size.
NEVH Series (Radial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
6.3
8
10
13
16
18
22
25
Lead Spacing (A)
2.5
3.5
5
5
7.5
7.5
10
12.5
Lead Diameter (d Ø)
0.5
0.6
0.6
0.6
0.8
0.8
0.8
1.0
*
These dimensions are for reference only, please consult the factory for actual size.
NEHH Series (Axial Type) Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
160
250
350
450
1.0
6.3 x 16
8 x 16
8 x 16
10 x 20
2.2
8 x 16
8 x 20
10 x 20
10 x 20
3.3
8 x 16
10 x 20
10 x 20
10 x 20
4.7
8 x 20
10 x 20
10 x 20
13 x 25
10
10 x 25
10 x 20
13 x 25
13 x 30
22
10 x 20
13 x 25
13 x 30
16 x 30
33
13 x 25
13 x 30
16 x 30
16 x 40
47
13 x 30
16 x 30
16 x 40
16 x 40
100
16 x 30
16 x 40
18 x 40
22 x 40
220
22 x 40
330
25 x 52
470
22 x 52
*
These dimensions are for reference only, please consult the factory for actual size.
NEHH Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
6.3
8
10
13
16
18
22
25
Lead Diameter (d Ø)
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
*
These dimensions are for reference only, please consult the factory for actual size.


同様の部品番号 - NEVH33M250

メーカー部品番号データシート部品情報
logo
NTE Electronics
NEV0.15M10 NTE-NEV0.15M10 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M100 NTE-NEV0.15M100 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M16 NTE-NEV0.15M16 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M25 NTE-NEV0.15M25 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M35 NTE-NEV0.15M35 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
More results

同様の説明 - NEVH33M250

メーカー部品番号データシート部品情報
logo
NTE Electronics
NEV47M50 NTE-NEV47M50 Datasheet
30Kb / 3P
   ALUMINUM ELECTROLYTIC 6.3V to 100V
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
   8V to 450V input range
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
   160V MODULE
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
   Accepts inputs from 15 to 450V
01/27/15
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
Sanyo Semicon Device
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
   160V, 10A Rectifier
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
logo
Maxwell Technologies
BMOD0006 MAXWELL-BMOD0006 Datasheet
982Kb / 4P
   160V DC working voltage
logo
Sanyo Semicon Device
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
   160V/700mA Switching Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com