データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6331L データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDC6331L
部品情報  Integrated Load Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6331L データシート(HTML) 1 Page - Fairchild Semiconductor

  FDC6331L_07 Datasheet HTML 1Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 2Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 3Page - Fairchild Semiconductor FDC6331L_07 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2001
2007 Fairchild Semiconductor Corporation
FDC6331L Rev D
FDC6331L
Integrated Load Switch
General Description
This device is particularly suited for compact power
management in portable electronic equipment where
2.5V to 8V input and 2.8A output current capability are
needed. This load switch integrates a small N-Channel
power MOSFET (Q1) that drives a large P-Channel
power MOSFET (Q2) in one tiny SuperSOT
TM-6
package.
Applications
Load switch
Power management
Features
–2.8 A, –8 V. RDS(ON) = 55 m
@ VGS = –4.5 V
RDS(ON) = 70 m
@ VGS = –2.5 V
RDS(ON) = 100 m
@ VGS = –1.8 V
Control MOSFET (Q1) includes Zener protection for
ESD ruggedness (>6KV Human body model)
High performance trench technology for extremely
low RDS(ON)
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM
Pin 1
SuperSOT™-6
3
2
1
4
5
6
Q1
Q2
Vout,C1
Vout,C1
R2
Vin,R1
ON/O FF
R1,C1
See Application Circuit
Equivalent Circuit
V DROP
+–
IN
OUT
ON/OFF
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VIN
Maximum Input Voltage
8V
VON/OFF
High level ON/OFF voltage range
–0.5 to 8
V
ILoad
Load Current
– Continuous
(Note 1)
2.8
A
– Pulsed
9
PD
Maximum Power Dissipation
(Note 1)
0.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
C
Thermal Characteristics
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1)
180
C/W
R JC
Thermal Resistance, Junction-to-Case
(Note 1)
60
C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.331
FDC6331L
7’’
8mm
3000 units
tm
April 2007


同様の部品番号 - FDC6331L_07

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
FDC6331L-TP TECHPUBLIC-FDC6331L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
More results

同様の説明 - FDC6331L_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com