データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59885IS データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL59885IS
部品情報  Auto-Adjusting Sync Separator for HD and SD Video
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885IS データシート(HTML) 1 Page - Intersil Corporation

  ISL59885IS Datasheet HTML 1Page - Intersil Corporation ISL59885IS Datasheet HTML 2Page - Intersil Corporation ISL59885IS Datasheet HTML 3Page - Intersil Corporation ISL59885IS Datasheet HTML 4Page - Intersil Corporation ISL59885IS Datasheet HTML 5Page - Intersil Corporation ISL59885IS Datasheet HTML 6Page - Intersil Corporation ISL59885IS Datasheet HTML 7Page - Intersil Corporation ISL59885IS Datasheet HTML 8Page - Intersil Corporation ISL59885IS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7442.5
ISL59885
Auto-Adjusting Sync Separator for HD
and SD Video
The ISL59885 video sync separator is manufactured using
high performance analog CMOS process. This device
extracts ISL59885 sync timing information from both
standard and non-standard video input in the presence of
Macrovision pulses. It provides composite sync, vertical
sync, SD and HDTV detection, and horizontal sync outputs.
Fixed 70mV sync tip slicing provides sync edge detection
when the video input level is between 0.5VP-P and 2VP-P.
Timing is adjusted automatically for various video standards.
The composite sync output follows sync pulses and a
vertical sync pulse is output on the rising edge of the first
vertical serration following the vertical pre-equalizing string.
For non-standard vertical inputs, a default vertical pulse is
output when the vertical signal stays low for longer than the
vertical sync default delay time. The horizontal output gives
horizontal timing with pre/post equalizing pulses. ISL59885
has an auto input frequency detect feature that sets the right
timing for any input format.
The ISL59885 is available in an 8 Ld SO package and is
specified for operation over the full -40°C to +85°C
temperature range.
Pinout
ISL59885
(8 LD SO)
TOP VIEW
Features
• NTSC, PAL, SECAM, HDTV, non-standard video sync
separation
• Fixed 70mV slicing of video input levels from 0.5VP-P to
2VP-P
• Single 3V to 5V supply
• Composite sync output
• Vertical output
• Horizontal output
• HDTV detection
• 81% to 90% Hsync blanking window (R5218)
• 70% to 90% Hsync blanking window (R5260)
• Macrovision compatible
• Available in 8 Ld SO package
• Pb-Free plus anneal available (RoHS compliant)
Applications
• High definition video equipment
Demo Board
• A dedicated demo board is available
COMPOSITE SYNC OUT
COMPOSITE VIDEO IN
VERTICAL SYNC OUT
GND
VDD
HORIZONTAL OUTPUT
CSET
HD
1
2
3
4
8
7
6
5
Data Sheet
August 9, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL59885IS

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59885IS INTERSIL-ISL59885IS Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS INTERSIL-ISL59885IS Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885ISZ RENESAS-ISL59885ISZ Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

同様の説明 - ISL59885IS

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com