データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL60007 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL60007
部品情報  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL60007_06 Datasheet HTML 2Page - Intersil Corporation ISL60007_06 Datasheet HTML 3Page - Intersil Corporation ISL60007_06 Datasheet HTML 4Page - Intersil Corporation ISL60007_06 Datasheet HTML 5Page - Intersil Corporation ISL60007_06 Datasheet HTML 6Page - Intersil Corporation ISL60007_06 Datasheet HTML 7Page - Intersil Corporation ISL60007_06 Datasheet HTML 8Page - Intersil Corporation ISL60007_06 Datasheet HTML 9Page - Intersil Corporation ISL60007_06 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN8087.3
April 21, 2006
Applications Information
FGA Technology
The ISL60007 series of voltage references use the floating
gate technology to create references with very low drift and
supply current. Essentially the charge stored on a floating
gate cell is set precisely in manufacturing. The reference
voltage output itself is a buffered version of the floating gate
voltage. The resulting reference device has excellent
characteristics which are unique in the industry: very low
temperature drift, high initial accuracy, and almost zero
supply current. Also, the reference voltage itself is not limited
by voltage bandgaps or zener settings, so a wide range of
reference voltages can be programmed (standard voltage
settings are provided, but customer-specific voltages are
available).
The process used for these reference devices is a floating
gate CMOS process, and the amplifier circuitry uses CMOS
transistors for amplifier and output transistor circuitry. While
providing excellent accuracy, there are limitations in output
noise level and load regulation due to the MOS device
characteristics. These limitations are addressed with circuit
techniques discussed in other sections.
Nanopower Operation
Reference devices achieve their highest accuracy when
powered up continuously, and after initial stabilization has
taken place. This drift can be eliminated by leaving the
power on continuously.
The ISL60007 is the first high precision voltage reference
with ultra low power consumption that makes it possible to
leave power on continuously in battery operated circuits. The
ISL60007 consumes extremely low supply current due to the
proprietary FGA technology. Supply current at room
temperature is typically 400nA which is 1 to 2 orders of
magnitude lower than competitive devices. Application
circuits using battery power will benefit greatly from having
an accurate, stable reference which essentially presents no
load to the battery.
In particular, battery powered data converter circuits that
would normally require the entire circuit to be disabled when
not in use can remain powered up between conversions as
shown in Figure 15. Data acquisition circuits providing 12 to
24 bits of accuracy can operate with the reference device
continuously biased with no power penalty, providing the
highest accuracy and lowest possible long term drift.
Other reference devices consuming higher supply currents
will need to be disabled in between conversions to conserve
battery capacity. Absolute accuracy will suffer as the device
is biased and requires time to settle to its final value, or, may
not actually settle to a final value as power on time may be
short.
FIGURE 13. ZOUT vs f vs CL
FIGURE 14. VOUT NOISE
Typical Performance Curves, 2.5V Reference
VIN = 3.0V, IOUT = 0mA, TA = 25°C
Unless Otherwise Specified (Continued)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
FREQUENCY (Hz)
NO
1nF LOAD
LOAD
10nF LOAD
100nF LOAD
10s/DIV
VIN = +3.0V
0.001µF-0.01µF
SERIAL
BUS
VIN
VOUT
GND
ISL60007
REF IN
ENABLE
SCK
SDAT
A/D CONVERTER
12 TO 24-BIT
0.01µF
10µF
FIGURE 15.
ISL60007


同様の部品番号 - ISL60007_06

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60007BIB825 INTERSIL-ISL60007BIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
ISL60007CIB812 INTERSIL-ISL60007CIB812 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
ISL60007CIB825 INTERSIL-ISL60007CIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
ISL60007DIB812 INTERSIL-ISL60007DIB812 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

同様の説明 - ISL60007_06

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com