データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL60002BIH312Z-TK データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL60002BIH312Z-TK
部品情報  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH312Z-TK データシート(HTML) 3 Page - Intersil Corporation

  ISL60002BIH312Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH312Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
FN8082.7
August 1, 2006
Pinout
ISL60002 (3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NAME
DESCRIPTION
GND
Ground Connection
VIN
Power Supply Input Connection
VOUT
Voltage Reference Output Connection
Ordering Information
PART NUMBER
PART
MARKING
VOUT (V)
GRADE
TEMP.
RANGE (°C)
PACKAGE
ISL60002BIH310Z-TK (Note)
DFB
1.024
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH310Z-TK (Note)
DFC
1.024
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH310Z-TK (Note)
DFD
1.024
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BIH311Z-TK (Note)
APM
1.200
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH311Z-TK (Note)
AOH
1.200
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH311Z-TK (Note)
AOY
1.200
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BIH312-TK
AIL
1.250
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002BIH312Z-TK (Note)
AOM
1.250
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH312-TK
AIN
1.250
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002CIH312Z-TK (Note)
AOS
1.250
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH312-TK
AIP
1.250
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002DIH312Z-TK (Note)
APA
1.250
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BIH318Z-TK (Note)
DEO
1.800
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH318Z-TK (Note)
DEP
1.800
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH318Z-TK (Note)
DEQ
1.800
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BIH320Z-TK (Note)
DEY
2.048
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH320Z-TK (Note)
DEZ
2.048
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH320Z-TK (Note)
DFA
2.048
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BIH325-TK
AIK
2.500
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002BIH325Z-TK (Note)
AON
2.500
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002CIH325-TK
AIM
2.500
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002CIH325Z-TK (Note)
AOT
2.500
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002DIH325-TK
AIO
2.500
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
ISL60002DIH325Z-TK (Note)
APB
2.500V
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23 (Pb-free)
ISL60002BAH333Z-TK (Note)
AOP
3.300V
±1.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free)
ISL60002CAH333Z-TK (Note)
AOU
3.300V
±2.5mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free)
ISL60002DAH333Z-TK (Note)
APC
3.300V
±5.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23 (Pb-free)
*Add "TK" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL60002


同様の部品番号 - ISL60002BIH312Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002BIH312Z-TK RENESAS-ISL60002BIH312Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

同様の説明 - ISL60002BIH312Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com