データシートサーチシステム |
|
X1228S14IZ データシート(PDF) 2 Page - Intersil Corporation |
|
X1228S14IZ データシート(HTML) 2 Page - Intersil Corporation |
2 / 29 page 2 FN8100.4 May 18, 2006 Ordering Information PART NUMBER PART MARKING VCC RANGE (V) VTRIP TEMP RANGE (°C) PACKAGE PKG. DWG. # X1228S14-4.5A X1228S AL 2.7 to 5.5 4.63V ± 112mV 0 to 70 14 Ld SOIC MDP0027 X1228S14Z-4.5A (Note) X1228S ZAL 0 to 70 14 Ld SOIC (Pb-free) MDP0027 X1228S14I-4.5A X1228S AM -40 to 85 14 Ld SOIC MDP0027 X1228S14IZ-4.5A (Note) X1228S ZAM -40 to 85 14 Ld SOIC (Pb-free) MDP0027 X1228V14-4.5A X1228V AL 0 to 70 14 Ld TSSOP M14.173 X1228V14Z-4.5A (Note) X1228V ZAL 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X1228V14I-4.5A X1228V AM -40 to 85 14 Ld TSSOP M14.173 X1228V14IZ-4.5A (Note) X1228V ZAM -40 to 85 14 Ld TSSOP (Pb-free) M14.173 X1228S14 X1228S 4.38V ± 112mV 0 to 70 14 Ld SOIC MDP0027 X1228S14Z (Note) X1228S Z 0 to 70 14 Ld SOIC (Pb-free) MDP0027 X1228S14I X1228S I -40 to 85 14 Ld SOIC MDP0027 X1228S14IZ (Note) X1228S ZI -40 to 85 14 Ld SOIC (Pb-free) MDP0027 X1228V14 X1228V 0 to 70 14 Ld TSSOP M14.173 X1228V14Z (Note) X1228V Z 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X1228V14I X1228V I -40 to 85 14 Ld TSSOP M14.173 X1228V14IZ (Note) X1228V ZI -40 to 85 14 Ld TSSOP (Pb-free) M14.173 X1228S14-2.7A X1228S AN 2.85V ± 100mV 0 to 70 14 Ld SOIC MDP0027 X1228S14Z-2.7A (Note) X1228S ZAN 0 to 70 14 Ld SOIC (Pb-free) MDP0027 X1228S14I-2.7A X1228S AP -40 to 85 14 Ld SOIC MDP0027 X1228S14IZ-2.7A (Note) X1228S ZAP -40 to 85 14 Ld SOIC (Pb_free) MDP0027 X1228V14-2.7A X1228V AN 0 to 70 14 Ld TSSOP M14.173 X1228V14Z-2.7A (Note) X1228V ZAN 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X1228V14I-2.7A X1228V AP -40 to 85 14 Ld TSSOP M14.173 X1228V14IZ-2.7A (Note) X1228V ZAP -40 to 85 14 Ld TSSOP (Pb-free) M14.173 X1228S14-2.7* X1228S F 2.65V ± 100mV 0 to 70 14 Ld SOIC MDP0027 X1228S14Z-2.7* (Note) X1228S ZF 0 to 70 14 Ld SOIC (Pb-free) MDP0027 X1228S14I-2.7 X1228S G -40 to 85 14 Ld SOIC MDP0027 X1228S14IZ-2.7 (Note) X1228S ZG -40 to 85 14 Ld SOIC (Pb-free) MDP0027 X1228V14-2.7 X1228V F 0 to 70 14 Ld TSSOP M14.173 X1228V14Z-2.7 (Note) X1228V ZF 0 to 70 14 Ld TSSOP (Pb-free) M14.173 X1228V14I-2.7 X1228V G -40 to 85 14 Ld TSSOP M14.173 X1228V14IZ-2.7 (Note) X1228V ZG -40 to 85 14 Ld TSSOP (Pb-free) M14.173 *Add "T1" suffix for tape and reel. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. X1228 |
同様の部品番号 - X1228S14IZ |
|
同様の説明 - X1228S14IZ |