データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7807D1PBF データシート(PDF) 7 Page - International Rectifier

部品番号 IRF7807D1PBF
部品情報  FETKY MOSFET / SCHOTTKY DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7807D1PBF データシート(HTML) 7 Page - International Rectifier

  IRF7807D1PBF Datasheet HTML 1Page - International Rectifier IRF7807D1PBF Datasheet HTML 2Page - International Rectifier IRF7807D1PBF Datasheet HTML 3Page - International Rectifier IRF7807D1PBF Datasheet HTML 4Page - International Rectifier IRF7807D1PBF Datasheet HTML 5Page - International Rectifier IRF7807D1PBF Datasheet HTML 6Page - International Rectifier IRF7807D1PBF Datasheet HTML 7Page - International Rectifier IRF7807D1PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7807D1PbF
www.irf.com
7
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUT LINE MS-012AA.
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO
A SUBSTRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
SO-8 Part Marking Information (Lead-Free)
DATE CODE (YWW)
XXXX
INTERNATIONAL
RECTIFIER
LOGO
F7101
Y = LAST DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
A = ASSEMBLY SITE CODE


同様の部品番号 - IRF7807D1PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
173Kb / 8P
   Low Conduction Losses
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
   Low Conduction Losses
More results

同様の説明 - IRF7807D1PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com