データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8200M80 データシート(PDF) 1 Page - NTE Electronics

部品番号 SI8200M80
部品情報  SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

SI8200M80 データシート(HTML) 1 Page - NTE Electronics

  SI8200M80 Datasheet HTML 1Page - NTE Electronics SI8200M80 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SI SERIES
SNAP–IN MOUNT ALUMINUM ELECTROLYTIC
12
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SUBMINIATURE
(SI: Snap–in)
The SI Snap–in series subminiature aluminum electrolytic ca-
pacitors are especially suitable for applications requiring high ca-
pacitance, low cost, and very small size. In fact, you’ll find these
capacitors in some of the most demanding applications, from
precision medical electronics and automobiles to the newest
personal computers and disk drives.
They operate over a broad temperature range and are available
in either blister pack or bulk.
RATINGS
Capacitance Range: 47
µf to 33,000µf
Tolerance:
±20%
Voltage Range: 16V to 450V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–40
°C to +85°C (–40°F to +185°F)
Leakage Current: I
≤ 3 x √CV (measured after
5 minutes @ rated voltage and +20
°C (+68°F)
I = Leakage Current (
µA)
C = Nominal Capacitance (
µf)
V = Rated Voltage (V)
Capacitance Tolerance (M):
±20%
measured at +20
°C (+68°F), 120HZ
Surge Voltage:
DC Rated Voltage
16
25
35
50
63
80
Surge Voltage
20
32
44
63
79
100
DC Rated Voltage
100
160
200
250
450
Surge Voltage
125
200
250
300
500
Load Life: 2000
±12Hrs @ Max rated temperature
and rated voltage
Leakage Current: Within values specified above
Dissipation Factor: Within
±150% of specified value
Shelf Life: 1000
±6Hrs @ Max rated temperature,
no voltage applied
Leakage Current: Within
±200% of specified value
Dissipation Factor: Within
±150% of specified value
Capacitance Change Max: Within
±20% of initial value
MECHANICAL SPECIFICATIONS
Marking:
Consists of series type, nominal capacitance, rated
voltage, temperature range, anode and/or cathode
identification, vendor identification.
Recommended Cleaning Solvents:
Chlorofluorocarbon solvents used to remove flux from
printed circuit boards can penetrate the capacitor end–
seals, cause corrosion when voltage is applied and ca-
pacitor failure. Avoid halogenated solvents and consid-
er these alternatives:
Clean the capacitors with
water/detergent or cleaning solvents free of halogen
groups such as alcohol or terpene solution, or mount
the capacitor after board cleaning.
CASE SIZE AND DIMENSIONS:
SI SERIES
Vinyl Sleeve
Polarity Bar
Safety Vent
10.0
PC Board Mounting Holes
Terminal
L + 2
Max
6.3
±1
D Ø + 1
Max
10
±0.1
2
±0.1
Dia
D Ø
0.8
–0.1
+0.2
2.0 Max
6.3
±1
4.0
1.5
±0.2
ORDERING INFORMATION
SI
1000
M
50
Series
Capacitance
Tolerance
Voltage


同様の部品番号 - SI8200M80

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
Si8220BB-A-IS SILABS-Si8220BB-A-IS Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220BB-D-IS SKYWORKS-SI8220BB-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
Si8220BD-A-IS SILABS-Si8220BD-A-IS Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
More results

同様の説明 - SI8200M80

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com