データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLL3303PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLL3303PBF
部品情報  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303PBF データシート(HTML) 2 Page - International Rectifier

  IRLL3303PBF Datasheet HTML 1Page - International Rectifier IRLL3303PBF Datasheet HTML 2Page - International Rectifier IRLL3303PBF Datasheet HTML 3Page - International Rectifier IRLL3303PBF Datasheet HTML 4Page - International Rectifier IRLL3303PBF Datasheet HTML 5Page - International Rectifier IRLL3303PBF Datasheet HTML 6Page - International Rectifier IRLL3303PBF Datasheet HTML 7Page - International Rectifier IRLL3303PBF Datasheet HTML 8Page - International Rectifier IRLL3303PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLL3303PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.034 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.031
VGS = 10V, ID = 4.6A
„
–––
––– 0.045
VGS = 4.5V, ID = 2.3A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.5
–––
–––
S
VDS = 10V, ID = 2.3A
–––
–––
25
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -16V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 16V
Qg
Total Gate Charge
–––
34
50
ID = 4.6A
Qgs
Gate-to-Source Charge
–––
4.4
6.5
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
10
16
VGS = 10V, See Fig. 6 and 9
„
td(on)
Turn-On Delay Time
–––
7.2
–––
VDD = 15V
tr
Rise Time
–––
22
–––
ID = 4.6A
td(off)
Turn-Off Delay Time
–––
33
–––
RG = 6.2Ω
tf
Fall Time
–––
28
–––
RD = 3.2Ω, See Fig. 10
„
Ciss
Input Capacitance
–––
840
–––
VGS = 0V
Coss
Output Capacitance
–––
340
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 4.6A, VGS = 0V
„
trr
Reverse Recovery Time
–––
65
98
ns
TJ = 25°C, IF = 4.6A
Qrr
Reverse RecoveryCharge
–––
160
240
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
37
0.91
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 4.6A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ VDD = 15V, starting TJ = 25°C, L = 13mH
RG = 25Ω, IAS = 4.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Rev. #
Parameters
Old spec.
New spec.
Comments
Revision Date
1VGS(th) (Max.)
2.5V
No spec.
Removed VGS(th) (Max). Specification
11/1/96
1VGS (Max.)
±20
±16
Decrease VGS (Max). Specification
11/1/96
Specification changes


同様の部品番号 - IRLL3303PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLL3303PBF IRF-IRLL3303PBF Datasheet
169Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRLL3303PBF IRF-IRLL3303PBF_15 Datasheet
169Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

同様の説明 - IRLL3303PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com