データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9508 データシート(PDF) 11 Page - Torex Semiconductor

部品番号 XC9508
部品情報  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9508 データシート(HTML) 11 Page - Torex Semiconductor

Back Button XC9508 Datasheet HTML 7Page - Torex Semiconductor XC9508 Datasheet HTML 8Page - Torex Semiconductor XC9508 Datasheet HTML 9Page - Torex Semiconductor XC9508 Datasheet HTML 10Page - Torex Semiconductor XC9508 Datasheet HTML 11Page - Torex Semiconductor XC9508 Datasheet HTML 12Page - Torex Semiconductor XC9508 Datasheet HTML 13Page - Torex Semiconductor XC9508 Datasheet HTML 14Page - Torex Semiconductor XC9508 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
Data Sheet
ud200541
XC9508
Series
DC/DC Converter (Continued)
<Current Limit>
The current limiter circuit of the XC9508 series monitors the current flowing through the P-channel MOS driver transistor
connected to the Lx pin, and features a combination of the constant-current type current limit mode and the operation
suspension mode.
When the driver current is greater than a specific level, the constant-current type current limit function operates to
turn off the pulses from the Lx pin at any given timing.
When the driver transistor is turned off, the limiter circuit is then released from the current limit detection state.
At the next pulse, the driver transistor is turned on. However, the transistor is immediately turned off in the case of
an over current state.
When the over current state is eliminated, the IC resumes its normal operation.
The IC waits for the over current state to end by repeating the steps ① through ③ . If an over current state
continues for 8msec* and the above three steps are repeatedly performed, the IC performs the function of latching
the OFF state of the driver transistor, and goes into operation suspension mode. Once the IC is in suspension
mode, operations can be resumed by either turning the IC off via the CE/MODE pin, or by restoring power to the VIN
pin. The suspension mode does not mean a complete shutdown, but a state in which pulse output is suspended;
therefore, the internal circuitry remains in operation. The constant-current type current limit of the XC9508 series
can be set at 1.1A for MSOP-10 package and 0.7A for USP-10 package
<U.V.L.O. Circuit>
When the VIN pin voltage becomes 1.4 V or lower, the P-channel output driver transistor is forced OFF to prevent false
pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 1.8 V or higher,
switching operation takes place. By releasing the U.V.L.O. function, the IC performs the soft start function to initiate
output startup operation. The soft start function operates even when the VIN pin voltage falls momentarily below the
U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse
output to be suspended; therefore, the internal circuitry remains in operation.
High Speed LDO Voltage Regulator
The voltage regulator block of the XC9508 series consists of a reference voltage source, error amplifier, and current
limiter circuit. The voltage divided by split resistors is compared with the internal reference voltage by the error
amplifier. The P-channel MOSFET, which is connected to the VROUT pin, is then driven by the subsequent output
signal. The output voltage at the VROUT pin is controlled and stabilized by a system of negative feedback. A stable
output voltage is achievable even if used with low ESR capacitors as a phase compensation circuit is built-in.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the regulator.
<Error Amplifier>
The error amplifier compares the reference voltage with the signal from VROUT, and the amplifier controls the output of
the Pch driver transistor.
<Current Limit Circuit>
The voltage regulator block includes a combination of a constant current limiter circuit and a foldback circuit. When the
load current reaches the current limit level, the current limiter circuit operates and the output voltage of the voltage
regulator block drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops
further and the load current decreases. When the VROUT and GND pin are shorted, the load current of about 30mA flows.
OPERATIONAL EXPLANATION (Continued)


同様の部品番号 - XC9508

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
More results

同様の説明 - XC9508

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com