データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

XC9510 データシート(PDF) 3 Page - Torex Semiconductor

部品番号. XC9510
部品情報  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
ダウンロード  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 3 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1353
XC9510
Series
MARK
PRODUCT SERIES
1
0
XC9510****S*
MARK
DC/DC CONTROL
CE/MODE PIN
(H level)
CE/MODE PIN
(M level)
CE/MODE PIN
(L level)
VD SENSE PRODUCT SERIES
A
VDD
XC9510A***S*
B
DCOUT
XC9510B***S*
C
-
-
VROUT
XC9510C***S*
D
VDD
XC9510D***S*
E
DCOUT
XC9510E***S*
F
PWM Control
VR:OFF
VR:ON
VROUT
XC9510F***S*
H
VDD
XC9510H***S*
K
DCOUT
XC9510K***S*
L
PWM,PFM/PWM
Manual Switch
PFM/PWM
Auto Switch
PWM Control
DC/DC:OFF
VR:OFF
VD:ON
VROUT
XC9510L***S*
MARKING RULE
SOP-8
①②
Represents product series
Represents DC/DC control methods, CE/MODE pins and VD sense pin
PACKAGING INFORMATION
SOP-8
SOP-8
(TOP VIEW)


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
XC9508Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
MB3883_026-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 1 2 3 4 5 MoreFujitsu Component Limited.
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
AAT1210High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming 1 2 3 4 5 MoreAdvanced Analogic Technologies
LTC3407Dual Synchronous 600mA 1.5MHz Step-Down DC/DC Regulator 1 2 3 4 5 MoreLinear Technology
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
MB39A1236 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
LT1054LSwitched-Capacitor Voltage Converter with Regulator 1 2 3 4 5 MoreLinear Technology
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor

リンク URL