データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5614P データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD5614P
部品情報  60V P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5614P データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD5614P Datasheet HTML 1Page - Fairchild Semiconductor FDD5614P Datasheet HTML 2Page - Fairchild Semiconductor FDD5614P Datasheet HTML 3Page - Fairchild Semiconductor FDD5614P Datasheet HTML 4Page - Fairchild Semiconductor FDD5614P Datasheet HTML 5Page - Fairchild Semiconductor FDD5614P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD5614P Rev C1(W)
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A
)
ON
(
DS
D
R
P


同様の部品番号 - FDD5614P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P Datasheet
81Kb / 6P
   60V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD5614P VBSEMI-FDD5614P Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5614P ISC-FDD5614P Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
More results

同様の説明 - FDD5614P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS9958-F085 ONSEMI-FDS9958-F085 Datasheet
447Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -60V, -2.9A, 105m廓
September-2017, Rev.2
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com