データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2484 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 2N2484
部品情報  NPN SILICON LOW POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2484 データシート(HTML) 1 Page - Microsemi Corporation

  2N2484 Datasheet HTML 1Page - Microsemi Corporation 2N2484 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/376
Devices
Qualified Level
2N2484
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N2484
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current
IC
50
mAdc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
360
1.2
mW
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
146
0C/W
1) Derate linearly 2.06 mW/
0C above TA = +250C
2) Derate linearly 6.85 mW/
0C above TC = +250C
TO- 18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 10 mAdc
V(BR)CEO
60
Vdc
Collector-Emitter Cutoff Current
VCE = 45 Vdc
ICES
5.0
ηAdc
Collector-Base Cutoff Current
VCB = 45 Vdc
VCB = 60 Vdc
ICBO
5.0
10
ηAdc
µAdc
Collector-Emitter Cutoff Current
VCE = 5.0 Vdc
ICEO
2.0
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
VEB = 6.0 Vdc
IEBO
2.0
10
ηAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


同様の部品番号 - 2N2484

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 May 01
logo
Central Semiconductor C...
2N2484 CENTRAL-2N2484 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
logo
STMicroelectronics
2N2484 STMICROELECTRONICS-2N2484 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Continental Device Indi...
2N2484 CDIL-2N2484 Datasheet
227Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
More results

同様の説明 - 2N2484

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com