データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8445 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD8445
部品情報  N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8445 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD8445 Datasheet HTML 1Page - Fairchild Semiconductor FDD8445 Datasheet HTML 2Page - Fairchild Semiconductor FDD8445 Datasheet HTML 3Page - Fairchild Semiconductor FDD8445 Datasheet HTML 4Page - Fairchild Semiconductor FDD8445 Datasheet HTML 5Page - Fairchild Semiconductor FDD8445 Datasheet HTML 6Page - Fairchild Semiconductor FDD8445 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDD8445 Rev A (W)
www.fairchildsemi.com
3
Electrical Characteristics T
J = 25°C unless otherwise noted
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
t(on)
Turn-On Time
VDD = 20V, ID = 50A
VGS = 10V, RGS = 2Ω
-
-
138
ns
td(on)
Turn-On Delay Time
-
10
-
ns
tr
Turn-On Rise Time
-
82
-
ns
td(off)
Turn-Off Delay Time
-
26
-
ns
tf
Turn-Off Fall Time
-
9.6
-
ns
toff
Turn-Off Time
-
-
53
ns
VSD
Source to Drain Diode Voltage
ISD=50A
-
-
1.25
V
ISD=25A
-
-
1.0
V
trr
Reverse Recovery Time
IF= 50A, dIF/dt=100A/μs-
-
39
ns
Qrr
Reverse Recovery Charge
IF= 50A, dIF/dt=100A/μs-
-
38
nC
Notes:
1: Maximum package current capability is 50A.
2: Starting TJ = 25oC, L=0.18mH, IAS=40A.
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For
a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.


同様の部品番号 - FDD8445

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8445 FAIRCHILD-FDD8445 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7mOhm
logo
Inchange Semiconductor ...
FDD8445 ISC-FDD8445 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8445-F085 ONSEMI-FDD8445-F085 Datasheet
1Mb / 6P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445_F085 FAIRCHILD-FDD8445_F085 Datasheet
528Kb / 7P
   N-Channel PowerTrench MOSFET
More results

同様の説明 - FDD8445

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com