データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN304P データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDN304P
部品情報  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN304P データシート(HTML) 2 Page - Fairchild Semiconductor

  FDN304P_01 Datasheet HTML 1Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 2Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 3Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 4Page - Fairchild Semiconductor FDN304P_01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDN304P Rev C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA,Referenced to 25°C
–13
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.8
–1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –2.4 A
VGS = –2.5 V,
ID = –2.0 A
VGS = –1.8V,
ID = –1.8 A
36
47
65
52
70
100
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–10
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –1.25 A
12
S
Dynamic Characteristics
Ciss
Input Capacitance
1312
pF
Coss
Output Capacitance
240
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
106
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
15
27
ns
tr
Turn–On Rise Time
15
27
ns
td(off)
Turn–Off Delay Time
40
64
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
25
40
ns
Qg
Total Gate Charge
12
20
nC
Qgs
Gate–Source Charge
2
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –2.4 A,
VGS = –4.5 V
2nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.42
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –0.42
(Note 2)
–0.6
–1.2
V
Notes:
1.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 250
°C/W when mounted on a
0.02 in2 pad of 2 oz. copper.
b) 270°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%


同様の部品番号 - FDN304P_01

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
FDN304P-3 KEXIN-FDN304P-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDN304P-NL VBSEMI-FDN304P-NL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN304PZ FAIRCHILD-FDN304PZ Datasheet
123Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDN304PZ-NL VBSEMI-FDN304PZ-NL Datasheet
1,003Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

同様の説明 - FDN304P_01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com