データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS3992 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDS3992
部品情報  Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3992 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FDS3992_04 Datasheet HTML 3Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 4Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 5Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 6Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 7Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 8Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 9Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 10Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDS3992 Rev. B1
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the SO8 package,
the environment in which it is applied will have a significant
influence on the part’s current and maximum power
dissipation ratings. Precise determination of PDM is complex
and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2. The area, in square inches is the top copper
area including the gate and source pads.
The transient thermal impedance (ZθJA) is also effected by
varied top copper board area. Figure 22 shows the effect of
copper pad area on single pulse transient thermal
impedance. Each trace represents a copper pad area in
square inches corresponding to the descending list in the
graph. Spice and SABER thermal models are provided for
each of the listed pad areas.
Copper pad area has no perceivable effect on transient
thermal impedance for pulse widths less than 100ms. For
pulse widths less than 100ms the transient thermal
impedance is determined by the die and package.
Therefore, CTHERM1 through CTHERM5 and RTHERM1
through RTHERM5 remain constant for each of the thermal
models. A listing of the model component values is available
in Table 1.
(EQ. 1)
P
DM
T
JM
T
A
()
RθJA
-------------------------------
=
(EQ. 2)
RθJA
64
26
0.23
Area
+
-------------------------------
+
=
100
150
200
0.001
0.01
0.1
1
10
50
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 64 + 26/(0.23+Area)
AREA, TOP COPPER AREA (in2)
Figure 22. Thermal Impedance vs Mounting Pad Area
30
60
90
120
150
0
t, RECTANGULAR PULSE DURATION (s)
COPPER BOARD AREA - DESCENDING ORDER
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.00 in2
10-1
100
101
102
103


同様の部品番号 - FDS3992_04

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
More results

同様の説明 - FDS3992_04

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
FDB047N10 FAIRCHILD-FDB047N10_12 Datasheet
1Mb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP047N10 FAIRCHILD-FDP047N10_12 Datasheet
1,008Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
FDMD82100L FAIRCHILD-FDMD82100L Datasheet
253Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMA1024NZ ONSEMI-FDMA1024NZ Datasheet
622Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
October-2017, Rev.2
logo
Fairchild Semiconductor
FDMS9600S FAIRCHILD-FDMS9600S Datasheet
329Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com