データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6682 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDS6682
部品情報  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6682 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDS6682_05 Datasheet HTML 1Page - Fairchild Semiconductor FDS6682_05 Datasheet HTML 2Page - Fairchild Semiconductor FDS6682_05 Datasheet HTML 3Page - Fairchild Semiconductor FDS6682_05 Datasheet HTML 4Page - Fairchild Semiconductor FDS6682_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS6682 Rev D(W)
Typical Characteristics
0
20
40
60
80
0
0.5
1
1.5
2
2.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = 10V
4.5V
3.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
20
40
60
80
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.5V
3.5V
10V
4.0V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = 14A
VGS = 10V
0.004
0.006
0.008
0.01
0.012
0.014
0.016
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 7.0A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
20
40
60
80
100
1.5
2
2.5
3
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDS6682_05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6682 FAIRCHILD-FDS6682 Datasheet
139Kb / 5P
   30V N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6682 UMW-FDS6682 Datasheet
435Kb / 6P
   30V N-Channel MOSFET
More results

同様の説明 - FDS6682_05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com