データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ201N データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDZ201N
部品情報  N-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ201N データシート(HTML) 2 Page - Fairchild Semiconductor

  FDZ201N_04 Datasheet HTML 1Page - Fairchild Semiconductor FDZ201N_04 Datasheet HTML 2Page - Fairchild Semiconductor FDZ201N_04 Datasheet HTML 3Page - Fairchild Semiconductor FDZ201N_04 Datasheet HTML 4Page - Fairchild Semiconductor FDZ201N_04 Datasheet HTML 5Page - Fairchild Semiconductor FDZ201N_04 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDZ201N Rev F2 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250 µA
20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
14
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
0.6
0.8
1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 9 A
VGS = 2.5 V,
ID = 6.5 A
VGS = 4.5 V, ID = 9 A, TJ=125°C
14
20
20
18
30
28
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 9 A
33
S
Dynamic Characteristics
Ciss
Input Capacitance
1127
pF
Coss
Output Capacitance
268
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
VGS = 0 V,
f = 1.0 MHz
134
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
11
20
ns
td(off)
Turn–Off Delay Time
26
42
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
8
16
ns
Qg
Total Gate Charge
11
15
nC
Qgs
Gate–Source Charge
2
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 9 A,
VGS = 4.5 V
3
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.7
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.7 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
20
nS
Qrr
Diode Reverse Recovery Charge
IF = 9A,
diF/dt = 100 A/µs
14
nC
Notes:
1. R
θJA is determined with the device mounted on a 1 in² 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to
the circuit board side of the solder ball, R
θJB, is defined for reference. For RθJC, the thermal reference point for the case is defined as the top surface of the
copper chip carrier. R
θJC and RθJB are guaranteed by design while RθJA is determined by the user's board design.
a)
64°C/W when mounted
on a 1in
2 pad of 2 oz
copper
b)
128°C/W when mounted
on a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


同様の部品番号 - FDZ201N_04

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results

同様の説明 - FDZ201N_04

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com