データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN24CMLX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FIN24CMLX
部品情報  uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24CMLX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN24CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 14Page - Fairchild Semiconductor FIN24CMLX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24C Rev. 1.0.2
11
Figure 10. Bi-Directional Differential I/O Circuitry
PLL Circuitry
The CKREF input signal is used to provide a reference to
the PLL. The PLL generates internal timing signals capa-
ble of transferring data at 26 times the incoming CKREF
signal. The output of the PLL is a bit clock sent with the
serial data stream.
There are two ways to disable the PLL: by entering the
Mode 0 state (S1 = S2 = 0) or upon detecting a LOW on
both the S1 and S2 signals. Any of the other modes are
entered by asserting either S1 or S2 HIGH and by pro-
viding a CKREF signal. The PLL powers up and goes
through a lock sequence. Wait the specified number of
clock cycles prior to capturing valid data into the parallel
port. When the µSerDes chipset transitions from a
power-down state (S1, S2 = 0, 0) to a powered state
(example S1, S2 = 1, 1), CKP on the deserializer transi-
tions LOW for a short duration, then returns HIGH. Fol-
lowing this, the signal level of the deserializer at CKP
corresponds to the serializer signal levels.
An alternate way of powering down the PLL is by stop-
ping the CKREF signal either HIGH or LOW. Internal cir-
cuitry detects the lack of transitions and shuts the PLL
and serial I/O down. Internal references, however, are
not disabled, allowing the PLL to power-up and re-lock in
a lesser number of clock cycles than when exiting Mode
0. When a transition is seen on the CKREF signal, the
PLL is reactivated.
Application Mode Diagrams MODE = 3: Unidirectional Data Transfer
Figure 11. Simplified Block Diagram for Unidirectional Serializer and Deserializer
Figure 11 shows basic operation when a pair of SerDes is configured in an unidirectional operation mode.
In Master Operation, the device:
1. Is configured as a serializer at power-up based on the
value of the DIRI signal.
2. Accepts CKREF_M word clock and generate a bit
clock with embedded word boundary. This bit clock is
sent to the slave device through the CKSO port.
3. Receives parallel data on the rising edge of
STROBE_M.
4. Generates and transmits serialized data on the
DS signals source synchronous with CKSO.
5. Generates an embedded word clock for each strobe
signal.
In Slave Operation, the device:
1. Is configured as a deserializer at power-up based on
the value of the DIRI signal.
2. Accepts an embedded word boundary bit clock on
CKSI.
3. Deserializes the DS data stream using the CKSI input
clock.
4. Writes parallel data onto the DP_S port and generates
the CKP_S. CKP_S is only generated when a valid
data word occurs.
+
+
DS+
DS-
Gated
Termination
(DS Pins Only)
From
Serializer
To
Deserializer
From
Control
+
+
+
+
CKREF_M
CKSO
CKSI
CKP_S
DP[1:20, 23:24]_S
Serializer
Control
BIT CK
Gen.
PLL
Master Device Operating as a Serializer
DIR = “1”
S2 = S1 = “0”
Slave Device Operating as a Deserializer
DIR = “0”
S2 = S1 = “0”
Deserializer
Control
Work CK
Gen
Serializer
Deserializer
DS
STROBE_M
DP[1:22]_M


同様の部品番号 - FIN24CMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN24CMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com