データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6123 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL6123
部品情報  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123 データシート(HTML) 2 Page - Intersil Corporation

  ISL6123 Datasheet HTML 1Page - Intersil Corporation ISL6123 Datasheet HTML 2Page - Intersil Corporation ISL6123 Datasheet HTML 3Page - Intersil Corporation ISL6123 Datasheet HTML 4Page - Intersil Corporation ISL6123 Datasheet HTML 5Page - Intersil Corporation ISL6123 Datasheet HTML 6Page - Intersil Corporation ISL6123 Datasheet HTML 7Page - Intersil Corporation ISL6123 Datasheet HTML 8Page - Intersil Corporation ISL6123 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN9005.8
February 5, 2007
Ordering Information
PART NUMBER*
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6123IR
ISL6123IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6124IR
ISL6124IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6125IR
ISL6125IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6126IR
ISL6126IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6127IR
ISL6127IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6128IR
ISL6128IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6123IRZA (Note)
6123IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6124IRZA (Note)
6124IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6125IRZA (Note)
6125IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6126IRZA (Note)
6126IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6127IRZA (Note)
6127IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6128IRZA (Note)
6128IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL6130IRZA (Note)
6130IRZ
-40 to +85
24 Ld 4x4 QFN (Pb-free)
L24.4x4
ISL612XSEQEVAL1
ISL612X Evaluation Platform
ISL6125EVAL1
ISL6125 Evaluation Platform
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which
are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
FIGURE 1. TYPICAL ISL6123 APPLICATION
USAGE
ISL6123 Block Diagram (1/4)
AOUT
AIN
BIN
CIN
DIN
BOUT
COUT
DOUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
ENABLE
SYSRST#
GROUND
RESET#
VDD
EN
SYSRST
UVLOX
0.633V
RESET#
DLY_ONX
1.26V
DLY_OFFX
1.26V
GATEX
LOGIC
1µA
BIAS
LOCK OUT
VDD
RISING DELAY
VDD+5V
Q-PUMP
1µA
1µA
-1µA
30µs
FILTER
150ms
RISING DELAY
10ms
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


同様の部品番号 - ISL6123

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL6123 RENESAS-ISL6123 Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
ISL6123EVAL1Z RENESAS-ISL6123EVAL1Z Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
logo
Intersil Corporation
ISL6123EVAL1Z INTERSIL-ISL6123EVAL1Z Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
More results

同様の説明 - ISL6123

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com