データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD050LR1 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD050LR1
部品情報  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD050LR1 データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD050LR1 Datasheet HTML 1Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 2Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 3Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 4Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 5Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 6Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 7Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 8Page - Fairchild Semiconductor FOD050LR1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.0
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified.)
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature (Wave solder only)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
Each Channel
25
mA
IF (pk)
Peak Forward Input Current
(50% duty cycle, 1ms P.W.)
Each Channel
50
mA
IF (trans)
Peak Transient Input Current
(
≤1 µs P.W., 300pps)
Each Channel
1.0
A
VR
Reverse Input Voltage
Each Channel
5
V
PD
Input Power Dissipation
(No derating required up to 85°C)
Each Channel
45
mW
DETECTOR
IO (avg)
Average Output Current
Each Channel
8
mA
IO (pk)
Peak Output Current
Each Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
FOD050L, FOD250L only
5
V
VCC
Supply Voltage
-0.5 to 7
V
VO
Output Voltage
-0.5 to 7
V
IB
Base Current
FOD050L, FOD250L only
5
mA
PD
Output Power Dissipation
(No derating required up to 85°C)
Each Channel
100
mW


同様の部品番号 - FOD050LR1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD050LR1 FAIRCHILD-FOD050LR1 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD050LR1V FAIRCHILD-FOD050LR1V Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

同様の説明 - FOD050LR1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_08 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com