データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8805QDBTR データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC8805QDBTR
部品情報  14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8805QDBTR データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC8805QDBTR Datasheet HTML 2Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 3Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 4Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 5Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 6Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 7Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 8Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 9Page - Burr-Brown (TI) DAC8805QDBTR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TIMING AND FUNCTIONAL INFORMATION
t
WR
t
DS
t
DH
t
LWD
t
LDAC
t
RST
WR
DATA
t
AS
t
AH
A0/1
LDAC
RS
TIMING CHARACTERISTICS
DAC8805
SBAS391A – DECEMBER 2006 – REVISED MAY 2007
Figure 1. Timing Diagram
All specifications at TA = –40°C to +125°C, IOUT = virtual GND, GND = 0V, and VREF = 10V, unless otherwise noted
DAC8805
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = +5.0V
10
ns
Data to WR setup time
tDS
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
A0/1 to WR setup time
tAS
VDD = +2.7V
10
ns
VDD = +5.0V
0
ns
Data to WR hold time
tDH
VDD = +2.7V
0
ns
VDD = +5.0V
0
ns
A0/1 to WR hold time
tAH
VDD = +2.7V
0
ns
VDD = +5.0V
10
ns
WR pulse width
tWR
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
LDAC pulse width
tLDAC
VDD = +2.7V
10
ns
VDD = +5.0V
10
ns
RS pulse width
tRST
VDD = +2.7V
10
ns
VDD = +5.0V
0
ns
WR to LDAC delay time
tLWD
VDD = +2.7V
0
ns
6
Submit Documentation Feedback


同様の部品番号 - DAC8805QDBTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8805QDBTR TI1-DAC8805QDBTR Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8805QDBTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com