データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSTUD16450 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FSTUD16450
部品情報  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16450 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FSTUD16450_06 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 8Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 9Page - Fairchild Semiconductor FSTUD16450_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 5)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 4: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 5: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 6: Typical values are at VCC = 5.0V and TA = +25°C
Note 7: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS) (Note 3)
−2.0V to +7.0V
DC Input Control Pin Voltage
(VIN) (Note 4)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output (IOUT) Current
128 mA
DC VCC/GND Current (ICC/IGND)
+/− 100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Free Air Operating Temperature (TA)-40 °C to +85 °C
Symbol
Parameter
VCC
TA = −40 °C to +85 °C
Units
Conditions
(V)
Min
Typ
(Note 6)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.0-5.5
2.0
V
IF S2 = HIGH 4.5V ≤ VCC ≤ 5.5V
VIL
LOW Level Input Voltage
4.0-5.5
0.8
V
IF S2 = HIGH 4.5V ≤ VCC ≤ 5.5V
VOH
HIGH Level Output Voltage
4.5-5.5
See Figure 4
V
S2 = VCC
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
010
µAV
IN = 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64 mA, S2 = 0V or VCC
(Note 7)
4.5
4
7
VIN = 0V, IIN = 30 mA, S2 = 0V or VCC
4.5
8
12
VIN = 2.4V, IIN = 15 mA, S2 = 0V
4.0
11
20
VIN = 2.4V, IIN = 15 mA, S2 = 0V
4.5
35
50
VIN = 2.4V, IIN = 15 mA, S2 = VCC
ICC
Quiescent Supply Current
5.5
3
µAS
2 = GND, VIN = VCC or GND, IOUT = 0
10
µAS
2 = VCC, OEx = VCC, VIN = VCC or GND, IOUT = 0
1.5
mA
S2 = VCC, OEx = GND, VIN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND, S2 = 0V
4.0
mA
One Input at 3.4V
Other Inputs at VCC or GND, S2 = VCC
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA
OEx = 5.5V


同様の部品番号 - FSTUD16450_06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTUD16450GX FAIRCHILD-FSTUD16450GX Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450MTD FAIRCHILD-FSTUD16450MTD Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results

同様の説明 - FSTUD16450_06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com