データシートサーチシステム |
|
TS12A4514DG4 データシート(PDF) 5 Page - Texas Instruments |
|
TS12A4514DG4 データシート(HTML) 5 Page - Texas Instruments |
5 / 15 page www.ti.com Electrical Characteristics for 3-V Supply (1) TS12A4514 ,, TS12A4515 LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES SCDS193B – AUGUST 2006 – REVISED MARCH 2007 V + = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA MIN TYP(2) MAX UNIT Analog Switch Analog signal range VCOM, VNO, VNC 0 V+ V 25 °C 18.5 40 V+ = 3 V, VCOM = 1.5 V, ON-state resistance ron Ω INO = 1 mA, Full 50 V+ = 3 V, 25 °C 1 3 ON-state resistance ron(flat) VCOM = 1 V, 1.5 V, 2 V, Ω flatness Full 4 ICOM = 1 mA 25 °C 1 NO, NC INO(OFF), V+ = 3.6 V, VCOM = 1 V, nA OFF leakage current(3) INC(OFF) VNO or VNC = 3 V Full 10 25 °C 1 COM V+ = 3.6 V, VCOM = 1 V, ICOM(OFF) nA OFF leakage current(3) VNO or VNC = 3 V Full 10 25 °C 1 COM V+ = 3.6 V, VCOM = 3 V, ICOM(ON) nA ON leakage current(3) VNO or VNC = 3 V Full 10 Digital Control Input (IN) Input logic high VIH Full 2.4 V+ V Input logic low VIL Full 0 0.8 V Input leakage current IIH, IIL VIN = V+, 0 V Full 0.01 µA Dynamic 25 °C 63 120 Turn-on time(4) tON See Figure 2 ns Full 175 25 °C 33 80 Turn-off time(4) tOFF See Figure 2 ns Full 120 Charge injection(4) QC CL = 1 nF, See Figure 1 25 °C –1.5 pC NO, NC CNO(OFF), f = 1 MHz, See Figure 4 25 °C 7.5 pF OFF capacitance CNC(OFF) COM CCOM(OFF) f = 1 MHz, See Figure 4 25 °C 7.5 pF OFF capacitance COM CCOM(ON) f = 1 MHz, See Figure 4 25 °C 17 pF ON capacitance Digital input capacitance CI VIN = V+, 0 V 25 °C 1.5 pF RL = 50 Ω, CL = 15 pF, Bandwidth BW 25 °C 460 MHz VNO = 1 VRMS, f = 100 kHz RL = 50 Ω, CL = 15 pF, OFF isolation OISO 25 °C –94 dB VNO = 1 VRMS, f = 100 kHz RL = 50 Ω, CL = 15 pF, Total harmonic distortion THD 25 °C 0.15 % VNO = 1 VRMS, f = 100 kHz Supply 25 °C 0.03 V+ supply current I+ VIN = 0 V or V+ µA Full 0.05 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) Typical values are at TA = 25°C. (3) Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25 °C. (4) Specified by design, not production tested 5 Submit Documentation Feedback |
同様の部品番号 - TS12A4514DG4 |
|
同様の説明 - TS12A4514DG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |