データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2007IYZGR データシート(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TSC2007IYZGR
部品情報  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007IYZGR データシート(HTML) 3 Page - Burr-Brown (TI)

  TSC2007IYZGR Datasheet HTML 1Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 2Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 3Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 4Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 5Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 6Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 7Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 8Page - Burr-Brown (TI) TSC2007IYZGR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TSC2007
SBAS405 – MARCH 2007
At T
A = –40°C to +85°C, VDD = +1.2V to +3.6V, unless otherwise noted.
TSC2007
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXILIARY ANALOG INPUT
Input voltage range
0
VDD
V
Input capacitance
12
pF
Input leakage current
–1
+1
µA
A/D CONVERTER
Resolution
Programmable: 8 or 12 bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral linearity
±1.5
LSB(1)
VDD = 1.8V
–1.2
LSB
Offset error
VDD = 3.0V
–3.1
LSB
VDD = 1.8V
0.7
LSB
Gain error
VDD = 3.0V
0.1
LSB
TOUCH SENSORS
TA = +25°C, VDD = 1.8V, command '1011' set '0000'
51
k
PENIRQ Pull-Up Resistor, RIRQ
TA = +25°C, VDD = 1.8V, command '1011' set '0001'
90
k
Y+, X+
6
Switch
On-Resistance
Y–, X–
5
Switch drivers drive current(2)
100ms duration
50
mA
INTERNAL TEMPERATURE SENSOR
Temperature range
–40
+85
°C
VDD = 3V
1.94
°C/LSB
Differential
method(3)
VDD = 1.6V
1.04
°C/LSB
Resolution
VDD = 3V
0.35
°C/LSB
TEMP1(4),
VDD = 1.6V
0.19
°C/LSB
VDD = 3V
±2
°C/LSB
Differential
method(3)
VDD = 1.6V
±2
°C/LSB
Accuracy
VDD = 3V
±3
°C/LSB
TEMP1(4)
VDD = 1.6V
±3
°C/LSB
INTERNAL OSCILLATOR
VDD = 1.2V
3.19
MHz
VDD = 1.8V
3.66
MHz
8-Bit
VDD = 2.7V
3.78
MHz
VDD = 3.6V
3.82
MHz
Internal clock frequency, fCCLK
VDD = 1.2V
1.6
MHz
VDD = 1.8V
1.83
MHz
12-Bit
VDD = 2.7V
1.88
MHz
VDD = 3.6V
1.91
MHz
VDD = 1.6V
0.0056
%/
°C
Frequency drift
VDD = 3.0V
0.012
%/
°C
(1)
LSB means Least Significant Bit. With VDD (REF) = +1.6V, one LSB is 391µV.
(2)
Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(3)
Difference between TEMP1 and TEMP2 measurement; no calibration necessary.
(4)
Temperature drift is –2.1mV/
°C.
3
Submit Documentation Feedback


同様の部品番号 - TSC2007IYZGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2007IYZGR TI-TSC2007IYZGR Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007IYZGR TI1-TSC2007IYZGR Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

同様の説明 - TSC2007IYZGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com