データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA5L0365R データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KA5L0365R
部品情報  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5L0365R データシート(HTML) 4 Page - Fairchild Semiconductor

  KA5L0365R Datasheet HTML 1Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 2Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 3Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 4Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 5Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 6Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 7Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 8Page - Fairchild Semiconductor KA5L0365R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA5X03XX-SERIES
4
Electrical Characteristics (Control Part) (Continued)
(Ta = 25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8.499.6
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
KA5H0365R
KA5H0380R
90
100
110
kHz
Initial Accuracy
FOSC
KA5M0365R
KA5M0380R
61
67
73
kHz
Initial Accuracy
FOSC
KA5L0365R
KA5L0380R
45
50
55
kHz
Frequency Change With Temperature (2)
--25
°C≤Ta≤+85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
KA5H0365R
KA5H0380R
62
67
72
%
Maximum Duty Cycle
Dmax
KA5M0365R
KA5M0380R
KA5L0365R
KA5L0380R
72
77
82
%
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V<Vfb<3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb>6.5V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 5V≤Vfb≤VSD
456
µA
REFERENCE SECTION
Output Voltage (1)
Vref
Ta=25
°C
4.805.005.20
V
Temperature Stability (1)(2)
Vref/
∆T-25°C≤Ta≤+85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
Max. inductor current
1.89
2.15
2.41
A
PROTECTION SECTION
Over Voltage Protection
VOVP
VCC>24V
25
27
29
V
Thermal Shutdown Temperature (Tj) (1)
TSD
-
140
160
-
°C
TOTAL STANDBY CURRENT SECTION
Start-up Current
ISTART
VCC=14V
-
100
170
µA
Operating Supply Current
(Control Part Only)
IOP
VCC<28
-
7
12
mA


同様の部品番号 - KA5L0365R

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA5L0365R FAIRCHILD-KA5L0365R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5L0365RN FAIRCHILD-KA5L0365RN Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5L0365RTU FAIRCHILD-KA5L0365RTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5L0365RYDTU FAIRCHILD-KA5L0365RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

同様の説明 - KA5L0365R

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com