データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6850D8TG データシート(PDF) 6 Page - Stanson Technology

部品番号 ST6850D8TG
部品情報  Green-Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6850D8TG データシート(HTML) 6 Page - Stanson Technology

Back Button ST6850D8TG Datasheet HTML 2Page - Stanson Technology ST6850D8TG Datasheet HTML 3Page - Stanson Technology ST6850D8TG Datasheet HTML 4Page - Stanson Technology ST6850D8TG Datasheet HTML 5Page - Stanson Technology ST6850D8TG Datasheet HTML 6Page - Stanson Technology ST6850D8TG Datasheet HTML 7Page - Stanson Technology ST6850D8TG Datasheet HTML 8Page - Stanson Technology ST6850D8TG Datasheet HTML 9Page - Stanson Technology ST6850D8TG Datasheet HTML 10Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Green-Mode PWM Controller
ST6850
300mA Driving Capability
ELECTRICAL CHARACTERISTICS (Ta=25℃, Vcc=15V, unless otherwise specified.)
Symbol
Parameter
Coneitions
Min.
Typ. Max. Unit
Supply Voltage ( Vcc Pin )
Istt
Startup Current
8
25
uA
Iop
Operating Current
Vcomp=3V
2
4
mA
UVLO(off) Min. Operatinf Voltage
9.0
10.0
11.0
V
UVLO(on)
Start Threshold Voltage
15.0
16.0
17.0
V
Voltage Feedback ( Comp Pin )
Isc
Short Circuit Current
2.2
3.0
mA
Vop
Open Loop Voltage
5.0
V
Vth(gm)
Green Mode Threshold VCOMP
2.35
V
Oscillator ( RT Pin )
Fosc
Frequency
Rt=100KΩ
60.0
65.0
70.0
KHz
Fosc(gm)
Green Mode Frequency
Fs=65.0KHz
20
KHz
Fdt
Frequency Variation versus Temp
Deviation
(-40
℃~105℃)
3
%
Fdv
Frequency Variation versus
Vcc Deviation
(Vcc=11V ~ 25V)
1
%
Current Sensing ( CS Pin )
Vcs(off)
Maximum Input Vlotage
0.8
0.85
0.9
V
Zcs
Input impedance
50
Tpd
Delay to Output
150
nS
Gate Driver Output ( OUT pin )
VOL
Output Low level
Vcc=15V,
Io=20mA
1
V
VOH
Output High Level
Vcc=15V,
Io=20mA
8
V
Tr
Rising Time
Load Cap=1000pF
50
200
nS
Tf
Falling Time
Load Cap=1000pF
30
120
nS
Page 6
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


同様の部品番号 - ST6850D8TG

メーカー部品番号データシート部品情報
logo
Rohm
ST68 ROHM-ST68 Datasheet
28Kb / 1P
   NPN General Purpose Transistor
ST68 ROHM-ST68 Datasheet
28Kb / 1P
   PNP General Purpose Tranisitor
logo
Fairchild Semiconductor
ST68 FAIRCHILD-ST68 Datasheet
121Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs
logo
Vishay Siliconix
ST68-100T2MI VISHAY-ST68-100T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST68-50T1MI VISHAY-ST68-50T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

同様の説明 - ST6850D8TG

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com