データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NX5310 データシート(PDF) 5 Page - California Eastern Labs

部品番号 NX5310
部品情報  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NX5310 データシート(HTML) 5 Page - California Eastern Labs

  NX5310_06 Datasheet HTML 1Page - California Eastern Labs NX5310_06 Datasheet HTML 2Page - California Eastern Labs NX5310_06 Datasheet HTML 3Page - California Eastern Labs NX5310_06 Datasheet HTML 4Page - California Eastern Labs NX5310_06 Datasheet HTML 5Page - California Eastern Labs NX5310_06 Datasheet HTML 6Page - California Eastern Labs NX5310_06 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NX5310 Series
<R>
TYPICAL CHARACTERISTICS (TC =
−40 to +85°C, unless otherwise specified)
0
10
20
30
40
Forward Current IF (mA)
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
6
5
4
3
2
1
50
+85˚C
+25˚C
TC = –40˚C
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
1
5
10
50
100
–40
–20
0
20
40
60
80
100
–60
Iop
Ith
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature TC (˚C)
1 350
1 340
1 330
1 320
1 310
1 300
1 290
1 280
1 270
0
–20
–40
–60
20
60
40
80
100
Remark The graphs indicate nominal characteristics.
Data Sheet PL10526EJ02V0DS
5


同様の部品番号 - NX5310_06

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NX5310EH-AZ CEL-NX5310EH-AZ Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5310EK-AZ CEL-NX5310EK-AZ Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
More results

同様の説明 - NX5310_06

メーカー部品番号データシート部品情報
logo
NEC
NX5321 NEC-NX5321 Datasheet
87Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5321 CEL-NX5321 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com