データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA03-PB データシート(PDF) 2 Page - LEM

部品番号 LA03-PB
部品情報  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA03-PB データシート(HTML) 2 Page - LEM

  LA03-PB Datasheet HTML 1Page - LEM LA03-PB Datasheet HTML 2Page - LEM LA03-PB Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current transducer LA 03..20-PB
Isolation characteristics
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
2.5 4)
kV
dCp
Creepage distance
> 10
mm
dCl
Clearance distance
> 10
mm
CTI
Comparative Tracking Index (Group IIIa)
> 220
Application examples
According to EN 50178 and CEI 61010-1 standards and following conditions :
· Over voltage category OV 3
· Pollution degree PD2
· Non-uniform field
Notes : 4) Between primary and secondary
051102/6
LEM Industrial
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 2/3
EN 50178
CEI 61010-1
dCp, dCl, Vw
Rated isolation voltage
Nominal voltage
Single isolation
1000 V
Cat III 1000 V rms
Reinforced isolation
500 V
Cat III 300 V rms


同様の部品番号 - LA03-PB

メーカー部品番号データシート部品情報
logo
LEM
LA03-PB LEM-LA03-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
More results

同様の説明 - LA03-PB

メーカー部品番号データシート部品情報
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com