データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA150-P データシート(PDF) 1 Page - LEM

部品番号 LA150-P
部品情報  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA150-P データシート(HTML) 1 Page - LEM

  LA150-P_06 Datasheet HTML 1Page - LEM LA150-P_06 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
I
PN DC
Primary continuous direct current (nominal)
150
A
I
PN
Primary nominal current rms
106
A
I
PM
Primary current, measuring range
0 .. ± 200
A
R
M
Measuring resistance
T
A = 70°C
T
A = 85 °C
R
M mini
R
M maxi
R
M mini RM maxi
@ ±15V, ± 200 A
maxi
0
30
0
15
I
S
Secondary current
75
mA
I
SN
Secondary nominal current rms
53
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
16 + I
S
mA
V
d
Rms voltage for AC isolation test, 50 Hz,1min
2.5
kV
Accuracy-Dynamic performance data
X
Accuracy @ I
PN DC, TA = 25°C, ± 15 V (± 5 %)
< ± 1 % of I
PN DC
ε
L
Linearity error (0 .. ± I
PN DC)
± 0.25% of I
PN DC
I
OE
Electrical offset current @ I
P = 0, TA = 25°C
< ± 0.2
mA
I
OM
Magnetic offset current @ I
P = 0 and specified RM ,
after an overload of 1 x I
PN DC
< ± 0.15
mA
I
OT
Temperature variation of I
O
< ± 0.005
mA
t
r
Response time to 90% of I
PN DC step
< 1
µs
di/dt
di/dt accurately followed
> 200
A/µs
BW
Frequency bandwidth (- 1 dB)1)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 15 .. + 85
°C
R
S
Secondary coil resistance
80
m
Mass
25
g
Standards
EN 50178: 1997
Current Transducer LA 150-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 150 A
Features
Closed loop (compensation) current
transducer using the Hall effect
Printed circuit board mounting
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capacity
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications
Application Domain
Industrial
Notes :
1) Derating is needed to avoid excessive core heating at high frequency.
46090
061110/7
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


同様の部品番号 - LA150-P_06

メーカー部品番号データシート部品情報
logo
LEM
LA150-P LEM-LA150-P_12 Datasheet
225Kb / 3P
   Current Transducer
More results

同様の説明 - LA150-P_06

メーカー部品番号データシート部品情報
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com