データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM431SA データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 LM431SA
部品情報  Programmable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SA データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button LM431SA_06 Datasheet HTML 2Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 3Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 4Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 5Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 6Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 7Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 8Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 9Page - Fairchild Semiconductor LM431SA_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LM431SA/LM431SB/LM431SC
6
Typical Performance Characteristics (Continued)
Figure 10. Stability Boundary Conditions
Figure 11. Anode-Reference Diode Curve
Figure 12. Reference-Cathode Diode Curve
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
Anode-Ref. Voltage(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
Ref.-Cathode Voltage(V)
100p
1n
10n
100n
1
10
0
20
40
60
80
100
120
140
B
A
A V
KA = Vref
B V
KA = 5.0 V @ IK = 10mA
T
A = 25
oC
C
L, LOAD CAPACITANCE
stable
stable


同様の部品番号 - LM431SA_06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM431SACM32X FAIRCHILD-LM431SACM32X Datasheet
420Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431SACM32X ONSEMI-LM431SACM32X Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
logo
Fairchild Semiconductor
LM431SACM3X FAIRCHILD-LM431SACM3X Datasheet
420Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431SACM3X ONSEMI-LM431SACM3X Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
logo
Fairchild Semiconductor
LM431SACMF FAIRCHILD-LM431SACMF Datasheet
88Kb / 10P
   Programmable Shunt Regulator
More results

同様の説明 - LM431SA_06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com