データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM431SBCMF データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 LM431SBCMF
部品情報  Programmable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SBCMF データシート(HTML) 5 Page - Fairchild Semiconductor

  LM431SBCMF Datasheet HTML 1Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 2Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 3Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 4Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 5Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 6Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 7Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 8Page - Fairchild Semiconductor LM431SBCMF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LM431SA/LM431SB/LM431SC
5
Typical Performance Characteristics
-2
-1
0123
-100
-50
0
50
100
150
V
KA = VREF
T
A = 25
oC
V
KA, Cathode Voltage (V)
-50
-25
0
25
50
75
100
125
0.000
0.025
0.050
0.075
0.100
T
A, Ambient
Temperature (
oC)
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
T
A = 25
oC
I
KA = 10mA
Frequency (Hz)
-1
01
23
-200
0
200
400
600
800
I
KA(MIN)
V
KA = VREF
T
A = 25
oC
V
KA, CATHODE
VOLTAGE (V)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
A,
Ambient Temperature (
oC)
0
4
8
12
16
20
0
1
2
3
4
5
6
T
A=25
oC
OUTPUT
INPUT
Time (us)
Figure 4. Cathode Current vs. Cathode Voltage
Figure 5. Cathode Current vs. Cathode Voltage
Figure 6. OFF-State Cathode Current vs.
Ambient Temperature
Figure7. Reference Input Current vs.
Ambient Temperature
Figure 8. Small Signal Voltage Amplification vs. Frequency
Figure 9. Pulse Response


同様の部品番号 - LM431SBCMF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM431SBCMF FAIRCHILD-LM431SBCMF Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM431SBCMF FAIRCHILD-LM431SBCMF Datasheet
117Kb / 11P
   Programmable Shunt Regulator
LM431SBCMFX FAIRCHILD-LM431SBCMFX Datasheet
420Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431SBCMFX ONSEMI-LM431SBCMFX Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

同様の説明 - LM431SBCMF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com