データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT8952DLR データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74ABT8952DLR
部品情報  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8952DLR データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ABT8952DLR Datasheet HTML 5Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 6Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 7Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 8Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 9Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 10Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 11Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 12Page - Texas Instruments SN74ABT8952DLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SN54ABT8952, SN74ABT8952
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS121D – AUGUST 1992 – REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 38 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and two BSCs for each normal-function I/O pin (one for input data and one for output
data). The BSR is used 1) to store test data that is to be applied internally to the inputs of the normal on-chip
logic and/or externally to the device output pins, and/or 2) to capture data that appears internally at the outputs
of the normal on-chip logic and/or externally at the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, the value of each BSC is reset to logic 0 except BSCs 37–36, which are reset to logic 1.
The BSR order of scan is from TDI through bits 37–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
37
OEAB
31
A8-I
23
A8-O
15
B8-I
7
B8-O
36
OEBA
30
A7-I
22
A7-O
14
B7-I
6
B7-O
35
CLKAB
29
A6-I
21
A6-O
13
B6-I
5
B6-O
34
CLKBA
28
A5-I
20
A5-O
12
B5-I
4
B5-O
33
CLKENAB
27
A4-I
19
A4-O
11
B4-I
3
B4-O
32
CLKENBA
26
A3-I
18
A3-O
10
B3-I
2
B3-O
––
––
25
A2-I
17
A2-O
9
B2-I
1
B2-O
––
––
24
A1-I
16
A1-O
8
B1-I
0
B1-O


同様の部品番号 - SN74ABT8952DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT8952DL TI-SN74ABT8952DL Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT8952DLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com