データシートサーチシステム |
|
IRL3402S データシート(PDF) 1 Page - International Rectifier |
|
IRL3402S データシート(HTML) 1 Page - International Rectifier |
1 / 8 page 03/03/04 IRL3402S HEXFET® Power MOSFET PD - 91693A S D G VDSS = 20V RDS(on) = 0.01Ω ID = 85A Description Parameter Typ. Max. Units RθJC Junction-to-Case 1.1 RθJA Junction-to-Ambient ( PCB Mounted,steady-state)** 40 °C/W Thermal Resistance These HEXFET Power MOSFETs were designed specifically to meet the demands of CPU core DC-DC converters in the PC environment. Advanced processing techniques combined with an optimized gate oxide design results in a die sized specifically to offer maximum efficiency at minimum cost. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on- resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. 2 D Pak l Advanced Process Technology l Surface Mount l Optimized for 4.5V-7.0V Gate Drive l Ideal for CPU Core DC-DC Converters l Fast Switching Parameter Max. Units ID @ TC = 25°C Continuous Drain Current, VGS @ 4.5V
85 ID @ TC = 100°C Continuous Drain Current, VGS @ 4.5V
54 A IDM Pulsed Drain Current
340 PD @TC = 25°C Power Dissipation 110 W Linear Derating Factor 0.91 W/°C VGS Gate-to-Source Voltage ± 10 V VGSM Gate-to-Source Voltage 14 V (Start Up Transient, tp = 100µs) EAS Single Pulse Avalanche Energy
290 mJ IAR Avalanche Current 51 A EAR Repetitive Avalanche Energy 11 mJ dv/dt Peak Diode Recovery dv/dt
5.0 V/ns TJ Operating Junction and -55 to + 150 TSTG Storage Temperature Range Soldering Temperature, for 10 seconds 300 (1.6mm from case ) °C Absolute Maximum Ratings |
同様の部品番号 - IRL3402S |
|
同様の説明 - IRL3402S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |